Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS451AC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 2Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 3Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 4Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 5Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 6Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 7Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 8Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 9Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
6
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
2.2 Serial Control Port
FS450 setup is programmed by registers that are accessible via the I
2Ccompatible serial port (SIO).
Status and Revision ID can also be read from the registers.
Note: I2C is a registered trademark of Philips Corporation. The FS450 SIO bus is similar but not identical
to Philips I
2C bus.
2.3 Sync Control
The FS450 operates in a slave mode, pseudo-master mode or full master mode. In pseudo-master mode,
the GCC graphic controller derives the VGA pixel clock, horizontal sync, and vertical sync from
VGA_CLKOUT supplied by the FS450. The syncs are used inside the FS450 to capture the computer video
and are regenerated to supply to external devices such as genlocked video from a DVD player or tuner. In
full master mode, the FS450 supplies to the GCC horizontal and vertical sync in addition to the VGA pixel
clock.
2.4 Input and Output Frame Formats
The FS450 does not contain a frame memory. Therefore, the FS450 output frame rate must be
synchronous to the input frame rate. To accomplish this, the active video portion in the output stream must
overlay the corresponding active video time in the input stream. Several registers on the FS450 control this
timing as illustrated in the following figures:
VGA_HSYNC
IHO
B
VGA_VSYNC
A
IHO + IHW
IVO
Blank
Blank
Blank
Blank
Blank
C
Blank
Black
Black
Black
Blank
D
Blank
Black
Active Video
Black
Blank
IVO + IVW
Blank
Black
Black
Black
Blank
Blank
Blank
Blank
Blank
Blank
Figure 3: GCC Frame Format
IHO = OHO / Hscale
IVO = OVO / Vscale
IHW = OHW / Hscale
IVW = OVW / Vscale
The output frame timing is determined by the CCIR601 and 656 specifications. Input parameters IHO, IVO,
and IHW must be set correctly so that when the image is scaled to the 656 output frame, the timing
requirements are met. Parameters A, B, C, and D are determined by the amount of underscan the user
wants on the target television screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com