Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC602LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC602LP4
Description  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC602LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC602LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
8
8 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Electrical Specifications, (continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
LOGOUT Interface
Output Voltage Range
0Vcc -1.0
V
Output Rise Time/Fall Time
From 0% to 90%
7.5 / 8.1
ns
VSET Interface
Input Impedance
30
kΩ
Input Voltage Range
0.25 to 1.35
V
Low Frequency Gain
VSET to LOGOUT
56
dB
Open Loop Corner Frequency
700
kHz
Power Down (EN) Interface
Voltage Range for Normal Mode
0.8 x Vcc [1]
Vcc [1]
V
Voltage Range for Powerdown Mode
0
0.2 x Vcc [1]
V
Threshold Voltage
Vcc [1]/2
V
Power Supply (Vcc1, Vcc2, Vcc3)
Operating Voltage Range
4.5
5.5
V
Supply Current in Normal Mode
113
mA
Supply Current in Power Down Mode
1mA
[1] Vcc= Vcc1= Vcc2= Vcc3= +5V
HMC602LP4 / 602LP4E
Parameter
Condition
Vcc1, Vcc2, Vcc3
+5V
Input Zo - w/ 68Ω Term Resistor at INP
50Ω
T
A
+25C
Fin
900 MHz
INN Port connected to ground through a 1000pF capacitor
Test Conditions
v01.0407
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com