Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2867 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2867
Description  NeoPixel Stick - 8 x 5050 RGBW LEDs - Warm White - ~3000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2867 Datasheet(HTML) 2 Page - Adafruit Industries

  2867 Datasheet HTML 1Page - Adafruit Industries 2867 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The LEDs are 'chainable' by connecting the output of one stick into the input of another. There is a single 
data line with a very timing‐specific protocol. Since the protocol is very sensitive to timing, it requires a 
real‐time microcontroller such as an AVR, Arduino, PIC, mbed, etc. It cannot be used with a Linux‐based 
microcomputer or interpreted microcontroller such as the netduino or Basic Stamp. Our wonderfully‐
written Neopixel library for Arduino supports these pixels! As it requires hand‐tuned assembly it is only 
for AVR cores but others may have ported this chip driver code so please google around. An 8MHz or 
faster processor is required.
We have a tutorial showing wiring, power usage calculations, example code for usage, etc. for NeoPixel 
Please check it out! Please note you will need a NeoPixel library with RGBW support which is not always 
available. If you try to control these with a plain 'RGB' NeoPixel library, you'll get very weird results. Our 
Adafruit NeoPixel library does support RGBW but if you're using something else, just be aware that it 
might require some hacking.
Comes as a single stick with 8 individually addressable RGBW LEDs assembled and tested.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. 
Including ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, 
Flora/Micro/Leonardo, Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)
Technical Details
Dimensions: 10.2mm x 51.1mm x 3.2mm / 0.4" x 2.0" x 0.13"
Weight: 2.6g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com