Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB10CX26PN1-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB10CX26PN1-RK
Description  All-plastic, Circular, One-touch Lock, and Waterproof Connector, 26 pos., Receptacle, Pin, Receptacle for front mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB10CX26PN1-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JB10CX26PN1-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB10CX26PN1-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JB10CX26PN1-RK
Features
All-plastic, Circular, One-touch Lock, and Waterproof Connector, 26 pos., Receptacle, Pin, Receptacle for front mount
Part Number
JB10CX26PN1-RK
Status
Active
Number of Positions
26 pos.
Rated Current
1A / pos. max.
Rated Voltage
100VAC
Waterproof/ Non-waterproof
IP67 (when mated)
Applications
Machine tools, Servo motors, Robotics, Semi-conductor manufacturing
equipment, Information/Communication devices, Measuring instrument,
Broadcasting devices, and various other applications.  
Connector Type
Receptacle
Connector Style
Jam nut type
Contact Type
Pin
Termination Style
Crimp
Applicable Wire Size (AWG)
#20~#28
Coupling Style
One-touch (push-and-twist)
Dielectric Withstanding
Voltage (1 minute)
900 VAC
Product Details


Similar Part No. - JB10CX26PN1-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JB10CX26PN2-RK JAE-JB10CX26PN2-RK Datasheet
126Kb / 2P
All-plastic, Circular, One-touch Lock, and Waterproof Connector, 26 pos., Receptacle, Pin, Receptacle for rear mount
More results

Similar Description - JB10CX26PN1-RK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5750071-1 MACOM-5750071-1 Datasheet
74Kb / 1P
RECEPTACLE ASSY, FRONT PANEL GROUNDING, 6 POS, RIGHT ANGLE, MINIATURE CIRCULAR DIN
C-178708 MACOM-C-178708 Datasheet
29Kb / 1P
ONE TOUCH SLEEVE FOR 187 SERIES FLAG POS
logo
Glenair, Inc.
ITS-901-00-1 GLENAIR-ITS-901-00-1 Datasheet
237Kb / 2P
Front and Rear Mount Receptacle Connector
ITS-901-00-2 GLENAIR-ITS-901-00-2 Datasheet
237Kb / 2P
Front and Rear Mount Receptacle
ITS-901-00-3 GLENAIR-ITS-901-00-3 Datasheet
232Kb / 2P
Front and Rear Mount Receptacle
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
One-touch / Screw Mating Compatible Circular Waterproof Connector
logo
PHOENIX CONTACT
2305237 PHOENIX-2305237 Datasheet
76Kb / 3P
Assembled circular cable, with one 20-pos. and two 14-pos.
logo
CONEC Elektronische Bau...
164A17319X CONEC-164A17319X Datasheet
225Kb / 1P
D-SUB HD FEMALE 26 pos. SOLDER PIN STRAIGHT threaded rear spacer and front threaded lock
22.06.06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com