Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBW5F2 Datasheet(PDF) 2 Page - Alpha Electronics Corp.

Part # PBW5F2
Description  Ultra Precision Power Resistor (10 Watts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

PBW5F2 Datasheet(HTML) 2 Page - Alpha Electronics Corp.

  PBW5F2 Datasheet HTML 1Page - Alpha Electronics Corp. PBW5F2 Datasheet HTML 2Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.alpha-elec.co.jp
23
PB, PC Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
Document No.: 67013
Revision: 25-Apr-2016
PERFORMANCE
Parameters
Test Condition
MIL-R-39009
Specification
ALPHA Typical
Test Data
Maximum Rated Operating Temperature
Working Temperature Range
Maximum Working Voltage
Maximum Working Current
25°C
–55°C to +155°C
750V
PB=5A, PC=32A
Power Conditioning
25°C, Rated Voltage, 96 hrs.
±0.2%
±0.2%
Low Temperature Storage
Dielectric Withstanding Voltage
Insulation Resistance
Low Temperature Operation
Overload
Moisture Resistance
Terminal Strength
–55°C, No Load, 24 hrs.
Atmo. Pres.: AC 1 KV, 1 min. Baro. Pres. 8 mHg: AC 500V, 1min.
DC 500V, 2 min.
–55°C, Rated Voltage
Rated Voltage x 2.5, 5 sec.
+65°C to –10°C, 90% RH to 98% RH, Rated Voltage, 10 cycles (240 hrs.)
2.27 kg (5 pounds),10 sec.
±0.3%
±0.2%
over 10,000 MΩ
±0.3%
±0.3%
±0.5%
±0.2%
±0.005%
±0.005%
over 10,000 MΩ
±0.005%
±0.01%
±0.05%
±0.005%
Shock
Vibration, High Frequency
100G, 6 ms., Sawtooth Wave, X, Y, Z, each 3 shocks
20G, 10 Hz to 2,000 Hz to 10 Hz, 20 min., X, Y, Z, each 4 hrs.
±0.2%
±0.2%
±0.005%
±0.005%
Life
25°C, Rated Power, 1.5 hr. – ON, 0.5 hr. – OFF, 2,000 hrs.
±1.0%
±0.01%
High Temperature Exposure
155°C, No Load, 2,000 hrs.
±1.0%
±0.01%
Solderability
245°C, 5 sec.
over 95% coverage
FREQUENCY CHARACTERISTICS
15
10
50 100
(MHz)
Frequency
150
100
50
(%)
PB
1
0.4
100
2 k
10
FOUR-TERMINAL RESISTOR
For low ohmic resistor (less than 10 ohm), the resistance value and TCR
of the copper lead increases overall resistance value. Four-terminal
(Kelvin) connection is recommended per the following figure. Loading
current at terminals (V) causes measurement error.
TEMPERATURE OF RESISTOR SURFACE
12 34 56 78 910
On Aluminum Chassis
60
70
50
40
30
20
10
(W)
Applied Power
T (°C)
B
(19.2°C/W)
B (4.9°C/W)
A (3.4°C/W)
A (15.5°C/W)
In Free Air
Spots for Temperature Measurement
(in still air)
Aluminum Chassis
Screwed Down
A: Mold Surface
B: Element Surface
152.4 mm (L) x 101.6 mm (W)
x 50.8 mm (H) x 1.0 mm (T)
AFFECT OF PB TYPE LEAD FOR RESISTANCE
VALUE AND TCR
Resistance Value of Lead: 0.36V/cm
TCR of Lead: 3,900 ppm/°C
1
0.1
0.01
0.001
0.0001
0.00001
(%)
1k
100
10
1
0.1
Nominal Resistance Value (V)
f 0.8 Solder-Plated Copper/L=1cm
100
10
1
0.1
0.01
0.001
(ppm/°C)
Resistance
Value
TCR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com