Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB211I Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB211I
Description  TUSB211 USB 2.0 High Speed Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB211I Datasheet(HTML) 1 Page - Texas Instruments

  TUSB211I Datasheet HTML 1Page - Texas Instruments TUSB211I Datasheet HTML 2Page - Texas Instruments TUSB211I Datasheet HTML 3Page - Texas Instruments TUSB211I Datasheet HTML 4Page - Texas Instruments TUSB211I Datasheet HTML 5Page - Texas Instruments TUSB211I Datasheet HTML 6Page - Texas Instruments TUSB211I Datasheet HTML 7Page - Texas Instruments TUSB211I Datasheet HTML 8Page - Texas Instruments TUSB211I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
D2P
D2M
D1P
D1M
RSTN
ENA_HS
TEST
CD
VCC
GND
EQ
VREG
Programmable Logic
Device
[Optional]
TUSB211
3.3V
DP
DM
GND
VBUS
5V
USB Host Implementation
HS
TX
USB Transceiver
HS
RX
Host
Controller
TUSB211
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB211, TUSB211I
SLLSEO0D – MAY 2015 – REVISED OCTOBER 2017
TUSB211 USB 2.0 High Speed Signal Conditioner
1
1 Features
1
•
Compatible with USB 2.0, OTG 2.0 and BC 1.2
•
Support for LS, FS, HS signaling
•
Active Power Consumption of 55 mW (Typical)
with 3.3-V Single Supply
•
Selectable Signal Gain Via External Pulldown
Resistor
•
Does Not Break DP, DM Trace
•
Scalable Solution – Daisy Chain Device for High
Loss Applications
•
Compact 1.6 mm x 1.6 mm QFN Package
2 Applications
•
Notebooks
•
Desktops
•
Docking Stations
•
Cell Phones
•
Active Cable, Cable Extenders
•
Backplane
•
Televisions
•
Tablets
3 Description
The TUSB211 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel.
The device has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected
by
the
TUSB211.
HS
signals
are
compensated.
Programmable signal gain permits fine tuning device
performance to optimize High Speed signals at the
connector. This helps to pass USB High Speed
electrical compliance tests.
The footprint of TUSB211 does not break the
continuity of the DP/DM signal path. This permits risk
free system design of a complete USB channel.
In addition, TUSB211 is compatible with the USB On-
The-Go (OTG) and Battery Charging (BC) protocols
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB211
X2QFN (12)
1.60 mm x 1.60 mm
TUSB211I
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TUSB211I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211I TI1-TUSB211I Datasheet
1Mb / 21P
Qualified for Automotive Applications
TUSB211IRWBR TI1-TUSB211IRWBR Datasheet
1Mb / 21P
Qualified for Automotive Applications
More results

Similar Description - TUSB211I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com