Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8040 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8040 Datasheet HTML 1Page - Texas Instruments TUSB8040 Datasheet HTML 2Page - Texas Instruments TUSB8040 Datasheet HTML 3Page - Texas Instruments TUSB8040 Datasheet HTML 4Page - Texas Instruments TUSB8040 Datasheet HTML 5Page - Texas Instruments TUSB8040 Datasheet HTML 6Page - Texas Instruments TUSB8040 Datasheet HTML 7Page - Texas Instruments TUSB8040 Datasheet HTML 8Page - Texas Instruments TUSB8040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
List of Tables
2-1
Clock and Reset Signals
.......................................................................................................... 9
2-2
USB Upstream Signals
............................................................................................................ 9
2-3
USB Downstream Signals
....................................................................................................... 10
2-4
I
2C/SMBUS Signals
.............................................................................................................. 11
2-5
Test and Miscellaneous Signals
................................................................................................ 11
2-6
Power Signals
.................................................................................................................... 12
3-1
TUSB8040 Register Map
........................................................................................................ 13
3-2
Register Offset 0h
................................................................................................................ 14
3-3
Bit Descriptions – ROM Signature Register
.................................................................................. 14
3-4
Register Offset 1h
................................................................................................................ 14
3-5
Bit Descriptions – Vendor ID LSB Register
.................................................................................. 14
3-6
Register Offset 2h
................................................................................................................ 14
3-7
Bit Descriptions – Vendor ID MSB Register
................................................................................. 14
3-8
Register Offset 3h
................................................................................................................ 15
3-9
Bit Descriptions – Product ID MSB Register
................................................................................. 15
3-10
Register Offset 4h
................................................................................................................ 15
3-11
Bit Descriptions – Product ID MSB Register
................................................................................. 15
3-12
Register Offset 5h
................................................................................................................ 15
3-13
Bit Descriptions – Device Configuration Register
........................................................................... 15
3-14
Register Offset 6h
................................................................................................................ 16
3-15
Bit Descriptions – Battery Charging Support Register
...................................................................... 16
3-16
Register Offset 7h
................................................................................................................ 17
3-17
Bit Descriptions – Device Removable Configuration Register
............................................................. 17
3-18
Register Offset 8h
................................................................................................................ 17
3-19
Bit Descriptions – Port Used Configuration Register
....................................................................... 17
3-20
Register Offset 20h
.............................................................................................................. 18
3-21
Bit Descriptions – Language ID LSB Register
............................................................................... 18
3-22
Register Offset 21h
.............................................................................................................. 18
3-23
Bit Descriptions – Language ID LSB Register
............................................................................... 18
3-24
Register Offset 22h
.............................................................................................................. 18
3-25
Bit Descriptions – Serial Number String Length Register
.................................................................. 18
3-26
Register Offset 23h
.............................................................................................................. 19
3-27
Bit Descriptions – Manufacturer String Length Register
................................................................... 19
3-28
Register Offset 24h
.............................................................................................................. 19
3-29
Bit Descriptions – Product String Length Register
.......................................................................... 19
3-30
Register Offset 30h-4Fh
......................................................................................................... 19
3-31
Bit Descriptions – Serial Number Byte N Register
.......................................................................... 19
3-32
Register Offset 50h-8Fh
......................................................................................................... 20
3-33
Bit Descriptions – Manufacturer String Register
............................................................................ 20
3-34
Register Offset 90h-CFh
........................................................................................................ 20
3-35
Bit Descriptions – Product String Register
................................................................................... 20
3-36
Register Offset F8h
.............................................................................................................. 20
3-37
Bit Descriptions – Device Status and Command Register
................................................................. 20
4
List of Tables
Copyright © 2010–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com