Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9260 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9260 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments TUSB9260 Datasheet HTML 10Page - Texas Instruments TUSB9260 Datasheet HTML 11Page - Texas Instruments TUSB9260 Datasheet HTML 12Page - Texas Instruments TUSB9260 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TUSB9260
www.ti.com
SLLS962D
– DECEMBER 2009 – REVISED MAY 2011
3.2
Firmware Support
Default firmware support is provided for the following:
•
USB 3.0 SuperSpeed and USB 2.0 High-Speed and Full-Speed
•
USB Attached SCSI Protocol (UASP)
•
USB Mass Storage Class (MSC) Bulk-Only Transport (BOT)
– Including the 13 Error Cases
•
USB Mass Storage Specification for Bootability
•
USB Device Class Definition for Human Interface Devices (HID)
– Firmware Update and Custom Functionality (e.g. One-Touch Backup)
•
Serial ATA Advanced Host Controller Interface (AHCI)
•
General Purpose Input/Output (GPIO)
– LED Control and Custom Functions (e.g. One-Touch Backup Control)
•
Pulse Width Modulation (PWM)
– LED Dimming Control
•
Serial Peripheral Interface (SPI)
– Firmware storage and storing Custom Device Descriptors
•
Serial Communications Interface (SCI)
– Debug Output Only
3.3
GPIO/PWM LED Designations
The default firmware provided by TI drives the GPIO and PWM outputs as listed in the table below.
Table 3-1. GPIO/PWM LED Designations
GPIO0
SW heartbeat
00: U3 state or default
01: U2 state
GPIO1/GPIO5
USB3 power state (U0-U3)
10: U1 state
11: U0 state
GPIO2
HS/FS suspend
GPIO3
Push button input on customer board
GPIO4
Not used
GPIO6
FS/HS connected
GPIO7
SS connected
PWM0
Disk activity
PWM1
U3 or HS/FS suspend state (fades high and low)
GPIO10
Not used
(SPICS1)
GPIO11
Not used
(SPICS2)
The LED
’s on the TUSB9260 Product Development Kit (PDK) board are connected as in the table above.
Please see the TUSB9260 PDK Guide (SLLA303) for more information on GPIO LED connection and
usage. This EVM is available for purchase, contact TI for ordering information.
Copyright
© 2009–2011, Texas Instruments Incorporated
OPERATION
9
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com