Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6006010 Datasheet(PDF) 2 Page - Norgren Ltd

Part # CS6006010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6006010 Datasheet(HTML) 2 Page - Norgren Ltd

  CS6006010 Datasheet HTML 1Page - Norgren Ltd CS6006010 Datasheet HTML 2Page - Norgren Ltd CS6006010 Datasheet HTML 3Page - Norgren Ltd CS6006010 Datasheet HTML 4Page - Norgren Ltd CS6006010 Datasheet HTML 5Page - Norgren Ltd CS6006010 Datasheet HTML 6Page - Norgren Ltd CS6006010 Datasheet HTML 7Page - Norgren Ltd CS6006010 Datasheet HTML 8Page - Norgren Ltd CS6006010 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
O/D
I/D
Product number
Corporate
Corporate
tube
tube
Red
Yellow
Green
Red
Grey
(mm)
(mm)
15 m coil
25 m coil
100 m coil
15 m coil
25 m coil
100 m coil
15 m coil
25 m coil
100 m coil
25m coil
25m coil
4
2,5
PA0104015*
PA0104025*
PA0104100
PA0304015*
PA0304025*
PA0304100
PA0204015*
PA0204025*
PA0204100
PA0804025
PA0604025
5
3,0
PA0105015*
PA0105025*
PA0105100
PA0305015*
PA0305025*
PA0305100
PA0205015*
PA0205025*
PA0205100
-
-
6
4,0
PA0106015*
PA0106025*
PA0106100
PA0306015*
PA0306025*
PA0306100
PA0206015*
PA0206025*
PA0206100
PA0806025
PA0606025
8
6,0
PA0108015*
PA0108025*
PA0108100
PA0308015*
PA0308025*
PA0308100
PA0208015*
PA0208025*
PA0208100
PA0808025
PA0608025
10
7,5
PA0110015*
PA0110025*
PA0110100
PA0310015*
PA0310025*
PA0310100
PA0210015*
PA0210025*
PA0210100
-
-
12
9,0
PA0112015*
PA0112025*
PA0112100
PA0312015*
PA0312025*
PA0312100
PA0212015*
PA0212025*
PA0212100
-
-
14†
11,0
–
PA0114025
PA0114100
–
PA0314025
PA0314100
–
PA0214025
PA0214100
-
-
N/AL 9.12.001.02
05/99
Metric Tubing and Hose
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
General Information – Metric Nylon Tubing
To DIN Standards 73378 and 74324
Coils are supplied in polythene bags. Those coils marked * can also be supplied in boxes at nominal extra cost, add ‘C’ to end of product number.
†Do not conform to above standards. 22 mm and 28 mm O/D tubing conforms to BS 5409 Part 1, Table 2.
Other colours can be supplied for orders of sufficient quantity.
This standard range of nylon tubing can be supplied in longer lengths to order, provided that a minimum economic production quantity is ordered.
All of these coils are supplied in boxes or on drums.
This standard range of polyurethane tubing can be supplied in longer lengths to order, provided that a minimum economic production quantity is ordered.
O/D
I/D
Product number
tube
tube
Natural
Black
Blue
Brown
(mm) (mm)
15 m coil
25 m coil
100 m coil
15 m coil
25 m coil
100 m coil
15 m coil
25 m coil
100 m coil
100 m coil
4
2,5
PA0004015*
PA0004025*
PA0004100
PA0704015*
PA0704025*
PA0704100
PA0504015*
PA0504025*
PA0504100
PA0404100
5
3,0
PA0005015*
PA0005025*
PA0005100
PA0705015*
PA0705025*
PA0705100
PA0505015*
PA0505025*
PA0505100
PA0405100
6
4,0
PA0006015*
PA0006025*
PA0006100
PA0706015*
PA0706025*
PA0706100
PA0506015*
PA0506025*
PA0506100
PA0406100
8
6,0
PA0008015*
PA0008025*
PA0008100
PA0708015*
PA0708025*
PA0708100
PA0508015*
PA0508025*
PA0508100
-
10
7,5
PA0010015*
PA0010025*
PA0010100
PA0710015*
PA0710025*
PA0710100
PA0510015*
PA0510025*
PA0510100
-
12
9,0
PA0012015*
PA0012025*
PA0012100
PA0712015*
PA0712025*
PA0712100
PA0512015*
PA0512025*
PA0512100
-
14†
11,0
PA0014015
PA0014025
PA0014100
–
PA0714025
PA0714100
–
PA0514025
PA0514100
-
16
12,0
PA0016015
PA0016025
–
–
–
–
–
–
–
-
18
14
-
PA0018025
–
–
–
–
–
–
–
-
22†
17,0
PA0022015
PA0022025
–
–
–
–
–
–
–
-
28†
22
PA0028015
PA0028025
–
–
–
–
–
–
–
-
O/D
I/D
Maximum working pressure (bar)
Minimum bend radius (mm)
tube (mm)
tube (mm)
at –40°C to +20°C
4
2,5
28
25
5
3,031
25
6
4,025
30
8
6
19
50
107,5
24
60
12
9,018
75
14
11,015
80
16
12,018
95
22
17,015
125
28
22,015
160
Working temperature °C
Factor
–40°C to +20°C
1,00
+30°C
0,83
+40°C
0,75
+50°C
0,64
+60°C
0,57
+80°C
0,47
Polyurethane Tubing
O/D
I/D
Product number
tube
tube
Natural
Black
Blue
Red
Yellow
Green
(mm)
(mm)
25 m coil
100 m coil
25 m coil
100 m coil
25 m coil
100 m coil
25 m coil
100 m coil
25 m coil
100 m coil
4
2,5
PU0004025C
PU0004100C
PU0704025C
PU0704100C
PU0504025C
PU0504100C
PU0104025C
PU0104100C
PU0304025C
PU0304100C
5
3,0
PU0005025C
PU0005100C
PU0705025C
PU0705100C
PU0505025C
PU0505100C
PU0105025C
PU0105100C
PU0305025C
PU0305100C
6
4,0
PU0006025C
PU0006100C
PU0706025C
PU0706100C
PU0506025C
PU0506100C
PU0106025C
PU0106100C
PU0306025C
PU0306100C
PU0206100C
8
5,5
PU0008025C
PU0008100D
PU0708025C
PU0708100D
PU0508025C
PU0508100D
PU0108025C
PU0108100D
PU0308025C
PU0308100D
PU0208100D
10
7,0
PU0010025C
PU0010100D
PU0710025C
PU0710100D
PU0510025C
PU0510100D
PU0110025C
PU0110100D
PU0310025C
PU0310100D
PU0210100D
12
8,0
PU0012025C
PU0012100D
PU0712025C
PU0712100D
PU0512025C
PU0512100D
PU0112025C
PU0112100D
PU0312025C
PU0312100D
PU0212100D
To calculate working pressures at various temperatures, multiply
working pressure at –40°C to +20°C by factor given in table.
Maximum continuous working temperature +80°C.
Maximum working pressures
Working pressure/temperature conversion factors
O/D
I/D
Maximum
Bend
Natural
tube
tube
working
radius
25m coil
(mm)
(mm)
Pressure (bar)
(mm)
at 20°C
8
6
10
30
PS0008025
10
8
8
40
PS0010025
12
10
6
60
PS0012025
15
12.5
6
110
PS0015025
Extraflexible Nylon Tubing
Working temperature °C
Factor
–40°C to +20°C
1,00
+30°C
0,83
+40°C
0,75
+50°C
0,64
+60°C
0,57
To calculate working pressures at various temperatures, multiply
working pressure at –40°C to +20°C by factor given in table.
Maximum continuous working temperature +60°C.
Working pressure/temperature conversion factors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com