Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9260PVP Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB9260PVP
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9260PVP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB9260PVP Datasheet HTML 2Page - Texas Instruments TUSB9260PVP Datasheet HTML 3Page - Texas Instruments TUSB9260PVP Datasheet HTML 4Page - Texas Instruments TUSB9260PVP Datasheet HTML 5Page - Texas Instruments TUSB9260PVP Datasheet HTML 6Page - Texas Instruments TUSB9260PVP Datasheet HTML 7Page - Texas Instruments TUSB9260PVP Datasheet HTML 8Page - Texas Instruments TUSB9260PVP Datasheet HTML 9Page - Texas Instruments TUSB9260PVP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SATA
Gen1/2
TUSB9260
HDD
USB 3.0
SuperSpeed
(1)
USB 2.0
High-speed
(1)
PC
with
USB 3.0
Support
(1)
USB connection is made at either SuperSpeed or High-Speed depending on the upstream connection support.
TUSB9260
SLLS962D
– DECEMBER 2009 – REVISED MAY 2011
www.ti.com
2
INTRODUCTION
2.1
System Overview
The TUSB9260 is an ARM cortex M3 microcontroller based USB 3.0 to serial ATA bridge. It provides the
necessary hardware and firmware to implement a USB attached SCSI protocol (UASP) compliant mass
storage device suitable for bridging hard disk drives (HDD), solid state disk drives (SSD), optical drives
and other compatible SATA 1.5-Gbps or SATA 3.0-Gbps devices to a USB 3.0 bus. In addition to UASP
support, the firmware implements the mass storage class bulk-only transport (BOT), and USB human
in-terface device (HID) interfaces.
2.2
Device Block Diagram
The major functional blocks are as follows:
•
Cortex M3 microcontroller subsystem including the following peripherals:
– Time interrupt modules, including watchdog timer
– Universal asynchronous receive/transmit (SCI)
– Serial peripheral interface (SPI)
– General purpose input/output (GPIO)
– PWM for support of PWM outputs (PWM)
•
USB 3.0 core (endpoint controller) and integrated SuperSpeed PHY
•
AHCI compliant SATA controller and integrated SATA PHY
– Supporting gen1i, gen1m, gen2i, and gen2m
•
Chip level clock generation and distribution
•
Support for JTAG 1149.1 and 1149.6
6
INTRODUCTION
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com