Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB4041IPAPR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB4041IPAPR.A
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041IPAPR.A Datasheet(HTML) 1 Page - Texas Instruments

  TUSB4041IPAPR.A Datasheet HTML 1Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 2Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 3Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 4Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 5Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 6Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 7Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 8Page - Texas Instruments TUSB4041IPAPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
USB 2.0 Hub
USB 2.0 Port
USB 2.0 Connection
USB 1.x Connection
USB 2.0 Device
USB 1.1 Device
Personal
Computer
TUSB4041I
USB 1.1
Keyboard
Type A
Port
USB2
WebCAM
USB 1.1
Mouse
TI
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB4041I
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
TUSB4041I Four-Port USB 2.0 Hub
1
1 Features
1
Four Port USB 2.0 Hub
USB 2.0 Hub Features
Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
Four Asynchronous Endpoint Buffers per
Transaction Translator
Supports USB Battery Charging
CDP Mode (Upstream Port Connected)
DCP Mode (Upstream Port Unconnected)
DCP Mode Complies With Chinese
Telecommunications Industry Standard YD/T
1591-2009
Supports D+ and D– Divider Mode
Per Port or Ganged Power Switching and
Overcurrent Notification Inputs
OTP ROM, Serial EEPROM or I2C and SMBus
Slave Interface for Custom Configurations:
VID and PID
Customizable Ports
Manufacturer and Product Strings (not by OTP
ROM)
Serial Number (not by OTP ROM)
Application Feature Selection Using Pin Selection
or EEPROM, I2C, or SMBus Slave Interface
Provides 128-Bit Universally Unique Identifier
(UUID)
Supports On-Board and In-System OTP and
EEPROM Programming Through the USB 2.0
Upstream Port
Single Clock Input, 24-MHz Crystal or Oscillator
DM/DP Polarity Swap
Type C Compatible
No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
64-Pin HTQFP Package (PAP)
2 Applications
Computer Systems
Docking Stations
Monitors
Set-Top Boxes
3 Description
The TUSB4041I device is a four-port USB 2.0 hub.
The device provides USB high-speed or full-speed
connections on the upstream port. The device also
provides USB high-speed, full-speed, or low-speed
connections on the downstream ports. When the
upstream
port
is
connected
to
an
electrical
environment that only supports high-speed, full-
speed, and low-speed connections, the USB high-
speed, full-speed and low-speed connectivity is
enabled
on
the
downstream
ports.
When
the
upstream
port
is
connected
to
an
electrical
environment that only supports full-speed or low-
speed connections, the USB high-speed connectivity
are disabled on the downstream ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB4041I
HTQFP (64)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TUSB4041IPAPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041IPAPR TI-TUSB4041IPAPR Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
TUSB4041IPAPRG4 TI-TUSB4041IPAPRG4 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
TUSB4041IPAPRQ1 TI1-TUSB4041IPAPRQ1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041IPAPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com