Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4262 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4262
Description  2.9" Flexible Monochrome eInk / ePaper Display - 296x128 Monochrome
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4262 Datasheet(HTML) 2 Page - Adafruit Industries

  4262 Datasheet HTML 1Page - Adafruit Industries 4262 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
There's no specification for how many times it can be flexed, so keep it
minimal!
We recommend affixing the display to a stable backing to reduce stresses.
E.g. it can be attached to a stiff curved bracelet to make a watch.
Using our CircuitPython or Arduino libraries, you can create a 'frame buffer' with
what pixels you want to have activated and then write that out to the display.
Most simple breakouts leave it at that. But if you do the math, 296 x 128 pixels
= 4.7 KBytes. Which won't fit into many microcontroller memories. Heck, even if
you do have 32KB of RAM, why waste 5KB?
The library we wrote does all the work for you, you can just interface with it as if
it were an Adafruit_GFX compatible display.
Note: This is
just the display. You'll want your own eInk Breakout Friend too!
TECHNICAL DETAILS
Dimensions (excluding ribbon cable): 80 x 37 x 0.25mm
https://www.adafruit.com/product/4262 /6‐13‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com