Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JK06AF10SW1-F0 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06AF10SW1-F0
Description  VG95234 Qualified Circular Waterproof Connector, 10 pos., Socket Contact (Sold separately), Panel Mount Receptacle, Insert Rotation Position: W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06AF10SW1-F0 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JK06AF10SW1-F0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06AF10SW1-F0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06AF10SW1-F0 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JK06AF10SW1-F0
Features
VG95234 Qualified Circular Waterproof Connector, 10 pos., Socket Contact (Sold separately), Panel Mount Receptacle, Insert
Rotation Position: W
Part Number
JK06AF10SW1-F0
Status
Active
Number of Positions
10 pos.
Rated Current
13 A
Waterproof/ Non-waterproof
IP67 rated in mated condition
Connector Type
Panel Mount Receptacle
Connector Style
 
Contact Type
Socket (Sold separately)
Wire Termination Method
Crimp
Applicable Wire Size (AWG)
 
Coupling Style
Bayonet lock
Contact Size
#16
Shell Size
F: 18 size
MIL-spec Arrangement Code
18 - 1
Contact Size X No. of Contacts
#16 X 10
Product Details


Similar Part No. - JK06AF10SW1-F0

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JK06AF10SN1-F0 JAE-JK06AF10SN1-F0 Datasheet
161Kb / 3P
VG95234 Qualified Circular Waterproof Connector, 10 pos., Socket Contact (Sold separately), Panel Mount Receptacle, Insert Rotation Position: N
JK06AF10SX1-F0 JAE-JK06AF10SX1-F0 Datasheet
163Kb / 3P
VG95234 Qualified Circular Waterproof Connector, 10 pos., Socket Contact (Sold separately), Panel Mount Receptacle, Insert Rotation Position: X
More results

Similar Description - JK06AF10SW1-F0

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CR-03BFFA-L180-WP-R ASSMANN-A-CR-03BFFA-L180-WP-R Datasheet
266Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03MMA-L180-WP-R ASSMANN-A-CR-03MMA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05BFFA-L180-WP-R ASSMANN-A-CR-05BFFA-L180-WP-R Datasheet
264Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
VG95234 Qualified Circular Waterproof Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com