Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804498 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804498
Description  WMS-2 HF 4,8 (EX9)R OG - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804498 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804498 Datasheet HTML 1Page - PHOENIX CONTACT 0804498 Datasheet HTML 2Page - PHOENIX CONTACT 0804498 Datasheet HTML 3Page - PHOENIX CONTACT 0804498 Datasheet HTML 4Page - PHOENIX CONTACT 0804498 Datasheet HTML 5Page - PHOENIX CONTACT 0804498 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, orange, unmarked, can be labeled with: THERMOMARK E.SLEEVE,
THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLLMASTER 300/600, THERMOMARK
ROLL X1, THERMOMARK ROLL, THERMOMARK ROLL 2.0, THERMOMARK W,
THERMOMARK X1.2, cable diameter range: 2.4 ... 4.8 mm, unperforated, mounting type: slide-
on, cable diameter range (automated processing): 2.4 ... 4.5 mm, Number of individual labels: 1,
roll length: 30 m, text field height: 9 mm, text field width: 30000 mm
Product description
The continuous shrink sleeves in the WMS-2 HF... product family, in size 3.2 ... 9.5, are suitable for automated processing with the
THERMOMARK E.SLEEVE applicator. The continuous format of the material means that individual marker lengths can be realized. After the
printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing them on the
cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
High flexibility, as individual marker lengths ranging from 3.45 mm ... 2000 mm (0.14" ... 78.7") can be realized in combination with the cutter and
perforation cutter
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 2:1
•
Widely used and proven worldwide in the railway industry
•
Commercial data
Item number
0804498
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2216
GTIN
4055626381183
Weight per piece (including packing)
334.4 g
Weight per piece (excluding packing)
334.4 g
Country of origin
PL
WMS-2 HF 4,8 (EX9)R OG - Shrink sleeve
0804498
https://www.phoenixcontact.com/us/products/0804498
Aug 7, 2025, 12:34AM
Page 1 (6)


Similar Part No. - 0804498

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804496 PHOENIX-0804496 Datasheet
188Kb / 6P
WMS-2 HF 4,8 (EX9)R GN - Shrink sleeve
0804499 PHOENIX-0804499 Datasheet
51Kb / 2P
The plotter is controlled with the CLIP PROJECT software
More results

Similar Description - 0804498

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1855107 PHOENIX-1855107 Datasheet
58Kb / 3P
Sleeve housing - VC-K-T2-R-M25
1855120 PHOENIX-1855120 Datasheet
59Kb / 3P
Sleeve housing - VC-K-T3-R-M25
1670497 PHOENIX-1670497 Datasheet
46Kb / 2P
Insulating sleeve - PT/FS 4,8
3028937 PHOENIX-3028937 Datasheet
79Kb / 2P
ST 2,5-QUATTRO-DIO/L-R OG
1707414 PHOENIX-1707414 Datasheet
60Kb / 2P
MSTB 2,5/ 2-ST OG
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com