Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5985TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5985TR
Description  2A step-down switching regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5985TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5985TR Datasheet HTML 6Page - STMicroelectronics L5985TR Datasheet HTML 7Page - STMicroelectronics L5985TR Datasheet HTML 8Page - STMicroelectronics L5985TR Datasheet HTML 9Page - STMicroelectronics L5985TR Datasheet HTML 10Page - STMicroelectronics L5985TR Datasheet HTML 11Page - STMicroelectronics L5985TR Datasheet HTML 12Page - STMicroelectronics L5985TR Datasheet HTML 13Page - STMicroelectronics L5985TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
L5985
Functional description
10/36
4.2
Soft-start
The soft-start is essential to assure correct and safe start up of the step-down converter. It
avoids inrush current surge and makes the output voltage increases monothonically.
The soft -start is performed by a staircase ramp on the non-inverting input (VREF) of the
Error Amplifier. So the output voltage slew rate is:
Equation 1
where SRVREF is the slew rate of the non-inverting input and R1, R2 is the resistor divider to
regulate the output voltage (see Figure 7). The soft-start stair case consists of 64 steps of
9.5mV each one, from 0V to 0.6V. The time base of one step is of 32 clock cycles. So the
soft start time and then the output voltage slew rate depend on the switching frequency.
Figure 7.
Soft start scheme.
Soft start time results:
Equation 2
For example with a switching frequency of 250kHz the SSTIME is 8ms.
SR
OUT
SR
VREF
1
R1
R2
--------
+
⎝⎠
⎛⎞
⋅
=
SS
TIME
32 64
⋅
Fsw
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com