Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1440CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1440CS8
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1440CS8 Datasheet HTML 6Page - Linear Technology LTC1440CS8 Datasheet HTML 7Page - Linear Technology LTC1440CS8 Datasheet HTML 8Page - Linear Technology LTC1440CS8 Datasheet HTML 9Page - Linear Technology LTC1440CS8 Datasheet HTML 10Page - Linear Technology LTC1440CS8 Datasheet HTML 11Page - Linear Technology LTC1440CS8 Datasheet HTML 12Page - Linear Technology LTC1440CS8 Datasheet HTML 13Page - Linear Technology LTC1440CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1440/LTC1441/LTC1442
144012fc
LTC1440/LTC1441/LTC1442 are a family of micropower
comparators with built-in 1.182V reference. Features
include programmable hysteresis (LTC1440/LTC1442),
wide supply voltage range (2V to 11V) and the ability of the
reference to drive up to a 0.01
µF capacitor without oscil-
lation. The comparators’ CMOS outputs can source up to
40mA and the supply current glitches, that normally occur
when switching logic states, have been eliminated.
Power Supplies
The comparator family operates from a single 2V to 11V
supply. The LTC1440 includes a separate ground for the
comparator output stage, allowing a split supply ranging
from
±1Vto±5.5V.ConnectingV–toGNDontheLTC1440
will allow single supply operation. If the comparator out-
put is required to source more than 1mA, or the supply
source impedance is high, V + should be bypassed with a
0.1
µF capacitor.
Comparator Inputs
The comparator inputs can swing from the negative sup-
ply V – to within 1.3V max of the positive supply V +. The
inputs can be forced 300mV below V – or above V + without
damage and the typical input leakage current is only
±10pA.
Comparator Outputs
The LTC1440 comparator output swings between GND
and V + to assure TTL compatibility with a split supply. The
LTC1441 and LTC1442 outputs swing between V – and V +.
The outputs are capable of sourcing up to 40mA and
sinking up to 5mA while still maintaining microampere
quiescent currents. The output stage does not generate
crowbar switching currents during transitions which helps
minimize parasitic feedback through the supply pins.
Voltage Reference
The internal bandgap reference has a voltage of 1.182V
referenced to V –. The reference accuracy is 1.5% from
–40
°C to 85°C. It can source up to 200µA and sink up to
20
µA with a 5V supply. The reference can drive a bypass
capacitor of up to 0.01
µF without oscillation and by
inserting a series resistor, capacitance values up to 100
µF
can be used (Figure 1).
Figure 2 shows the resistor value required for different
capacitor values to achieve critical damping. Bypassing
the reference can help prevent false tripping of the com-
parators by preventing glitches on V + or reference load
transients from disturbing the reference output voltage.
Figure 3 shows the bypassed reference output with a
square wave applied to the V + pin. Resistors R2 and R3 set
10mV of hysteresis voltage band while R1 damps the
reference response. Note that the comparator output
doesn’t trip.
APPLICATIONS INFORMATION
LTC144X
V –
REF
R1
C1
REFERENCE
OUTPUT
1440/1/2 F01
Figure 1. Damping the Reference Output
CAPACITOR VALUE (
µF)
0.001
0.1
10
1000
0.01
0.1
10
1
1440/1/2 F02
1
100
Figure 2. Damping Resistance vs Bypass Capacitor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com