Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP645YFPR Datasheet(PDF) 10 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 6Page - Texas Instruments TS5MP645YFPR Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR Datasheet HTML 9Page - Texas Instruments TS5MP645YFPR Datasheet HTML 10Page - Texas Instruments TS5MP645YFPR Datasheet HTML 11Page - Texas Instruments TS5MP645YFPR Datasheet HTML 12Page - Texas Instruments TS5MP645YFPR Datasheet HTML 13Page - Texas Instruments TS5MP645YFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
VI/O
SEL
RL
CL
RL
CL
VSEL
VSEL
VI/OB
tSWITCH
tSWITCH
VIH
80 %
20 %
1.8 V
VI/O
0 V
0 V
VIL
VSEL
VI/OA
tSWITCH
tSWITCH
VIL
80
%
20 %
1.8 V
VI/O
0 V
0 V
VIH
VI/OA
VI/OB
Copyright © 2018, Texas Instruments Incorporated
Switch
VI/O
A
Switch
VI/O
VI/O
A
A
ION
Switch
VI/O
Channel ON
RON = V/ION
V
Copyright © 2018, Texas Instruments Incorporated
10
TS5MP645
SCDS385B – JANUARY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 7. On Resistance
Figure 8. Off Leakage
Figure 9. On Leakage
(1)
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω , tr = 3 ns,
tf = 3 ns.
(2)
CL includes probe and jig capacitance.
Figure 10. tSWITCH timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com