Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330CPWRG4.B Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5V330CPWRG4.B
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CPWRG4.B Datasheet(HTML) 2 Page - Texas Instruments

  TS5V330CPWRG4.B Datasheet HTML 1Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 2Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 3Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 4Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 5Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 6Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 7Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 8Page - Texas Instruments TS5V330CPWRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TS5V330C
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
TS5V330CRGYR
TE330C
Tube
TS5V330CD
SOIC – D
TS5V330C
Tape and reel
TS5V330CDR
–40°C to 85°C
SSOP – DB
Tape and reel
TS5V330CDBR
TE330C
SSOP (QSOP) – DBQ
Tape and reel
TS5V330CDBQR
TE330C
Tube
TS5V330CPW
TSSOP – PW
TE330C
Tape and reel
TS5V330CPWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 1. FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
A
EN
IN
L
L
S1
D port = S1 port
L
H
S2
D port = S2 port
H
X
Z
Disconnect
Table 2. PIN DESCRIPTIONS
PIN NAME
DESCRIPTION
S1, S2
Analog video I/Os
D
Analog video I/Os
IN
Select input
EN
Switch-enable input
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com