Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2007IYZGR Datasheet(PDF) 29 Page - Texas Instruments

Part # TSC2007IYZGR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007IYZGR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2007IYZGR Datasheet HTML 25Page - Texas Instruments TSC2007IYZGR Datasheet HTML 26Page - Texas Instruments TSC2007IYZGR Datasheet HTML 27Page - Texas Instruments TSC2007IYZGR Datasheet HTML 28Page - Texas Instruments TSC2007IYZGR Datasheet HTML 29Page - Texas Instruments TSC2007IYZGR Datasheet HTML 30Page - Texas Instruments TSC2007IYZGR Datasheet HTML 31Page - Texas Instruments TSC2007IYZGR Datasheet HTML 32Page - Texas Instruments TSC2007IYZGR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
Table 6. Effective and Equivalent Throughput Rates
TSC
CONVERSION
EFFECTIVE
EQUIVALENT
NO.
NO.
CCLK
SUPPLY
I2C BUS SPEED
CYCLE TIME
THROUGHPUT
THROUGHPUT
OF
OF
fCCLK
PERIODS
VOLTAGE
(fSCL)
RESOLUTION
(
µs)
(kSPS)
(kSPS)
SCL
CCLK
(kHz)
(ns)
8-bit
433.6
2.31
16.14
40
127
3780
264.6
100kHz
Standard
12-bit
568.7
1.76
12.31
49
148
1880
531.9
8-bit
133.6
7.49
52.40
40
127
3780
264.6
400kHz
Fast
12-bit
201.2
4.97
34.79
49
148
1880
531.9
2.7V
8-bit
57.1
17.50
122.53
40
127
3780
264.6
1.7MHz
High-Speed
12-bit
107.5
9.30
65.09
49
148
1880
531.9
8-bit
45.4
22.04
154.31
40
127
3780
264.6
3.4MHz
High-Speed
12-bit
93.1
10.74
75.16
49
148
1880
531.9
8-bit
434.7
2.30
16.10
40
127
3660
273.2
100kHz
Standard
12-bit
570.9
1.75
12.26
49
148
1830
546.4
8-bit
134.7
7.42
51.97
40
127
3660
273.2
400kHz
Fast
12-bit
203.4
4.92
34.42
49
148
1830
546.4
1.8V
8-bit
58.2
17.17
120.22
40
127
3660
273.2
1.7MHz
High-Speed
12-bit
109.7
9.12
63.81
49
148
1830
546.4
8-bit
46.5
21.52
150.65
40
127
3660
273.2
3.4MHz
High-Speed
12-bit
95.3
10.49
73.46
49
148
1830
546.4
8-bit
439.8
2.27
15.92
40
127
3190
313.5
100kHz
Standard
12-bit
582.5
1.72
12.02
49
148
1600
625.0
8-bit
139.8
7.15
50.07
40
127
3190
313.5
400kHz
Fast
12-bit
215.0
4.65
32.56
49
148
1600
625.0
1.2V
8-bit
63.3
15.79
110.51
40
127
3190
313.5
1.7MHz
High-Speed
12-bit
121.3
8.24
57.70
49
148
1600
625.0
8-bit
51.6
19.39
135.72
40
127
3190
313.5
3.4MHz
High-Speed
12-bit
106.9
9.35
65.47
49
148
1600
625.0
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com