Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2014IYZGR Datasheet(PDF) 48 Page - Texas Instruments

Part # TSC2014IYZGR
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014IYZGR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TSC2014IYZGR Datasheet HTML 44Page - Texas Instruments TSC2014IYZGR Datasheet HTML 45Page - Texas Instruments TSC2014IYZGR Datasheet HTML 46Page - Texas Instruments TSC2014IYZGR Datasheet HTML 47Page - Texas Instruments TSC2014IYZGR Datasheet HTML 48Page - Texas Instruments TSC2014IYZGR Datasheet HTML 49Page - Texas Instruments TSC2014IYZGR Datasheet HTML 50Page - Texas Instruments TSC2014IYZGR Datasheet HTML 51Page - Texas Instruments TSC2014IYZGR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
48
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.6 Converter Function Select Register
The Converter Function Select (CFN) register reflects the converter function select status.
Figure 42. Converter Function Select Status Register (Reset Value = 0000h)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
D0
CFN1
5
CFN1
4
CFN1
3
CFN1
2
CFN1
1
CFN1
0
CFN9
CFN8
CFN7
CFN6
CFN5
CFN4
CFN3
CFN2
CFN1
CFN0
7.6.6.1 CFN15-CFN13
Touch screen drivers status. These bits represent the current status of the touch screen drivers that are turned
on. CFN13 is set to '1' if both X+ and X- drivers are turned on. CFN14 is set to '1' if both Y+ and Y- drivers are
turned on. CFN15 is set to '1' if Y+ and X- drivers are turned on. Otherwise, these bits are set to '0'. These bits
are reset to 0h whenever the converter function is either complete, stopped by the STS bit, or reset (by a
hardware reset from the RESET pin or a software reset from SWRST bit in Control Byte 1).
7.6.6.2 CFN12-CFN0
Converter function select status. These bits represent the converter function currently running, which is set in bits
C3-C0 of Control Byte 1. When the CFNx bit shows '1', where x is the decimal value of converter function select
bits C3-C0, it indicates that the converter function that is set in bits C3-C0 is running. For example, when CFN2
shows '1', it indicates the converter function set in bits C3-C0 ('0010') is running. The CFNx bits are reset to
0000h whenever the converter function is complete, stopped by STS bit, or reset (by the hardware reset from the
RESET pin or the software reset from SWRST bit in Control Byte 1). However, if the TSC-initiated scan function
mode is issued (by setting the PSM bit in the CFR0 register to '1'), the CFN0 or CFN1 bit will not be reset when
the corresponding converter function is complete because there is no pen touch. This event allows the TSC2014
to immediately initiate the scan process (corresponding to CFN0 or CFN1 set to '1') when the next pen touch is
detected.
Figure 43. STATUS Register (Reset Value = 0004h)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
D0
DAV
Due
X
DAV
Due
Y
DAV
Due
Z1
DAV
Due
Z2
DAV
Due
AUX
DAV
Due
TEMP
1
DAV
Due
TEMP
2
RESR
VD
(read
'0')
RESET
Flag
X
CON
Y
CON
RESRV
D
(read
'0')
Y
SHR
PDST
ID1
ID0
7.6.6.3 DAV Bits
Data available bits. These seven bits mirror the operation of the internal signals of DAV. When any processed
data are stored in data registers, the corresponding DAV bit is set to '1'. It stays at '1' until the register(s) updated
to the processed data have been read out by the host.
Table 22. DAV Function
DAV
DESCRIPTION
0
No new processed data are available.
1
Processed data are available. This will stay at 1 until the host has read out all updated registers.
7.6.6.4 RESET Flag
See Table 23 for the interpretation of the RESET flag bits.
Table 23. RESET Flag Bits
RESET Flag
DESCRIPTION
0
Device was reset since last status poll (hardware or software reset).
1
Device has not been reset since last status poll.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com