Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102IDA.A Datasheet(PDF) 22 Page - Texas Instruments

Part # TSC2102IDA.A
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSC2102IDA.A Datasheet HTML 18Page - Texas Instruments TSC2102IDA.A Datasheet HTML 19Page - Texas Instruments TSC2102IDA.A Datasheet HTML 20Page - Texas Instruments TSC2102IDA.A Datasheet HTML 21Page - Texas Instruments TSC2102IDA.A Datasheet HTML 22Page - Texas Instruments TSC2102IDA.A Datasheet HTML 23Page - Texas Instruments TSC2102IDA.A Datasheet HTML 24Page - Texas Instruments TSC2102IDA.A Datasheet HTML 25Page - Texas Instruments TSC2102IDA.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
22
OPERATION− STEREO AUDIO DAC
Audio Analog I/O
The TSC2102 has one stereo headphone output capable of driving a 16-
Ω load at over 25 mW (with 3.3-V supply) (HPR,
HPL). The headphone driver can be bypassed by setting D12 in the control register 05H/Page2 to 0. The TSC2102 also
has a virtual ground (VGND) output, which can be optionally used to connect to the ground terminal of headphones to
eliminate the ac-coupling capacitor at the headphone output terminal. Bit D8 of control register 05H/Page2 controls the
VGND amplifier. A special circuit has been included in the TSC2102 to insert a short keyclick sound into the stereo audio
output, even when the audio DAC is powered down. The keyclick sound is used to provide feedback to the user when a
particular button is pressed or item is selected. The specific sound of the keyclick can be adjusted by varying several
register bits that control its frequency, duration, and amplitude.
Digital Audio Interface
Digital audio data samples can be transmitted between the TSC2102 and the CPU via the audio data serial port (BCLK,
LRCK, DIN) that can be configured to transfer digital data in four different formats: right justified, left justified, I2S, and DSP.
The four modes are MSB first and operate with variable word length of 16/20/24/32 bits. The TSC2102 audio data serial
port can operate in master or slave mode. The word-select signal (LRCK) and bit clock signal (BCLK) are output in master
mode and input in slave mode, and both can be turned off by software power down. The LRCK also is the synchronization
signal for DIN and represents the sampling rate of the DAC. All registers, including those pertaining to audio functionality,
are only configured via the SPI bus.
D DAC SAMPLING RATE
The audio-control-1 register (Register 00H, Page 2) determines the sampling rates of DAC, which is scaled down from
the reference rate (Fsref) of either 44.1 kHz or 48 kHz, which is selectable by bit D13 of control register 06H/Page2. The
frequency of the LRCK represents the sampling rate of the DAC. At power up, it is configured as an I2S SLAVE with the
DAC operating at Fsref.
D WORD SELECT SIGNALS
The word select signal (LRCK) indicates the channel being transmitted:
−
LRCK = 0: left channel for I2S mode
−
LRCK = 1: right channel for I2S mode
For other modes, check the timing diagrams below.
D 256−S TRANSFER MODE
In the 256-S mode, the BCLK rate always equals 256 times the LRCK frequency. In the 256-S transfer mode, the
combination of the 48-ksps sampling rate and left-justified mode is not supported.
D CONTINUOUS TRANSFER MODE
In continuous transfer mode, the BCLK rate always equals two times the word length times the LRCK frequency.
D RIGHT-JUSTIFIED MODE
In right-justified mode, the LSB of the left channel is valid on the rising edge of the BCLK preceding the falling edge of
LRCK. Similarly, the LSB of the right channel is valid on the rising edge of the BCLK preceding the rising edge of LRCK.
BCLK
LRCK
DIN
n
n−1
1
0
0
n
n−1
1
0
1/fs
LSB
MSB
Left Channel
Right Channel
n−2
2
2
n−2
Figure 18. Timing Diagram for Right-Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com