Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB322I Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
VBUS
Rp (56k ±5%)
CC
CC
TUSB322
Legacy Host Adapter
Rd (5.1k ± 10%)
900KΩ ±1%
VBUS_DET
To System VBUS detection
Copyright © 2016, Texas Instruments Incorporated
9
TUSB322I
www.ti.com
SLLSEO5C – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB322I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.1 USB Type-C Receptacles and Plugs
Below is list of Type-C receptacles and plugs supported by the TUSB322I device:
•
USB Type-C receptacle for USB2.0 and USB3.1 and full-featured platforms and devices
•
USB full-featured Type-C plug
•
USB2.0 Type-C plug
7.3.1.2 USB Type-C Cables
Below is a list of Type-C cables types supported by the TUSB322I device:
•
USB full-featured Type-C cable with USB3.1 full-featured plug
•
USB2.0 Type-C cable with USB2.0 plug
•
Captive cable with either a USB full-featured plug or USB2.0 plug
7.3.1.3 Legacy Cables and Adapters
The TUSB322I device supports legacy cable adapters as defined by the Type-C Specification. The cable adapter
must correspond to the mode configuration of the TUSB322I device.
Figure 2. Legacy Adapter Implementation Circuit
7.3.1.4 Direct Connect Devices
The TUSB322I device supports the attaching and detaching of a direct-connect device.
7.3.1.5 Audio Adapters
Additionally, the TUSB322I device supports audio adapters for audio accessory mode, including:
•
Passive Audio Adapter
•
Charge Through Audio Adapter
7.3.2 Port Role Configuration
The TUSB322I default operation is dual-role port (DRP). The TUSB322I will always default to DRP operation
anytime EN_N is asserted from high to low or I2C_SOFT_RESET bit is set. But the TUSB322I can be configured
as DFP-only or UFP-only through changing the default state of the MODE_SELECT register. DFP-only and UFP-
only mode is not available in GPIO mode. Table 1 lists the supported features in each mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com