Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB215 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB215
Description  TUSB215-Q1 USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB215 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB215 Datasheet HTML 17Page - Texas Instruments TUSB215 Datasheet HTML 18Page - Texas Instruments TUSB215 Datasheet HTML 19Page - Texas Instruments TUSB215 Datasheet HTML 20Page - Texas Instruments TUSB215 Datasheet HTML 21Page - Texas Instruments TUSB215 Datasheet HTML 22Page - Texas Instruments TUSB215 Datasheet HTML 23Page - Texas Instruments TUSB215 Datasheet HTML 24Page - Texas Instruments TUSB215 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
14X
0.3
0.2
2.05
0.05
14X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
8X 0.5
2X
2
2X 1.5
0.1 MIN
A
3.6
3.4
B
3.6
3.4
0.3
0.2
0.5
0.3
(0.05)
VQFN - 1 mm max height
RGY0014B
PLASTIC QUAD FLATPACK - NO LEAD
4223385/A 11/2016
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
6
9
13
7
8
14
2
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
15
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.300
DETAIL
OPTIONAL TERMINAL
TYPICAL
TYPICAL
A-A 25.000
SECTION A-A
21
TUSB215-Q1
www.ti.com
SLLSF07 – SEPTEMBER 2017
Product Folder Links: TUSB215-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com