Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW33 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPW33
Description  Silizium-Fotodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW33 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPW33_01 Datasheet HTML 1Page - OSRAM GmbH BPW33_01 Datasheet HTML 2Page - OSRAM GmbH BPW33_01 Datasheet HTML 3Page - OSRAM GmbH BPW33_01 Datasheet HTML 4Page - OSRAM GmbH BPW33_01 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPW 33
2001-02-21
3
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.86
Electrons
Photon
Leerlaufspannung,
E
v = 1000 Ix
Open-circuit voltage
V
O
440 (
≥ 375)
mV
Kurzschlußstrom,
E
v = 1000 Ix
Short-circuit current
I
SC
72
µA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 1 kΩ; VR = 5 V; λ = 850 nm; Ip = 70 µA
t
r, tf
1.5
µs
Durchlaßspannung,
I
F = 100 mA, E = 0
Forward voltage
V
F
1.3
V
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
630
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TC
I
0.2
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 1 V, λ = 850 nm
NEP
4.3
× 10– 15
Nachweisgrenze,
V
R = 1 V, λ = 850 nm
Detection limit
D*
6.3
× 1013
Kennwerte (
T
A = 25 °C, Normlicht A, T = 2856 K)
Characteristics (
T
A = 25 °C, standard light A, T = 2856 K) (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
W
Hz
------------
cm
Hz
×
W
--------------------------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com