Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD315AI Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # 2SD315AI
Description  2SD315AI Dual SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD315AI Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button 2SD315AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 11Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 12Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 13Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 14Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 15Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 15
Ordering Information
Dual SCALE driver with ±15A gate current / 0/+15V or ±15V gate voltage
2SD315AI
Information about Other Products
For other drivers, product documentation, and application support
Direct link: Please click: www.IGBT-Driver.com
Manufacturer
CT-Concept Technologie AG
Intelligent Power Electronics
Renferstrasse 15
CH-2504 Biel-Bienne
Switzerland
Tel.
+41 - 32 - 344 47 47
Fax
+41 - 32 - 344 47 40
E-mail
Info@IGBT-Driver.com
Internet www.IGBT-Driver.com
© Copyright 1998…2009 by CT-Concept Technologie AG - Switzerland.
All rights reserved.
We reserve the right to make any technical modifications without prior notice.
Version from 2016-05-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com