Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM42A Datasheet(PDF) 2 Page - EPCOS

Part # LM42A
Description  Low-Loss Filter 456,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LM42A Datasheet(HTML) 2 Page - EPCOS

  LM42A Datasheet HTML 1Page - EPCOS LM42A Datasheet HTML 2Page - EPCOS LM42A Datasheet HTML 3Page - EPCOS LM42A Datasheet HTML 4Page - EPCOS LM42A Datasheet HTML 5Page - EPCOS LM42A Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mar 30, 2004
SAW Components
LM42A
456,00 MHz
Low-Loss Filter
Preliminary Data
3
2
1
7
8
9
1,27
1,27
bottom view
side view
top view
7,0
0,8
Ceramic SMD package QCC12E
Features
q
Low-loss filter for WiMAX
q
Usable bandwidth 3,7 MHz
q
Low insertion attenuation
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,2 g
Pin configuration
10,12
Balanced Input
4, 6
Balanced Output
2, 3, 5, 8, 9, 11
Ground
1, 7
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
LM42A
C61157-A7-A103
F61074-V8170-Z000
Maximum ratings
Operable temperature range
T
-40/ +85
˚C
Storage temperature range
Tstg
-40/ +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
10 years
Peak source power
Ps
13
dBm
peak < 1s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com