Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCD014 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MSCD014
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MSCD014 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MSCD014 Datasheet HTML 1Page - Zowie Technology Corporation MSCD014 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATENTED
MSCD012 THRU MSCD014
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 100 mA
FEATURES
MECHANICAL DATA
* Lead free product
* Leadless chip form , no lead damage
* Lead-free solder joint , no wire bond & lead frame
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Metal to silicon rectifier , majority carrier conduction
* Low power loss , High efficiency
* High current capability , low VF
* High surge capacity
* For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.005 gram
Marking : MSCD012 = F2
MSCD014 = F4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
SYMBOLS
UNITS
VRRM
Maximum repetitive peak reverse voltage
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Instantaneous Forward Voltage at 0.1 A
VF
Volts
Maximum Average Forward Rectified Current
IO
mA
Peak Forward Surge Current at 8.3 ms single half
sine-wave
IFSM
MSCD014
40
28
40
0.50
100
2.0
MSCD012
20
14
20
0.45
Amps
Maximum DC Reverse Current at Rated DC Blocking Voltage
IR
30
uA
Storage temperature range
TSTG
-40 to +125
Junction temperature
TJ
125
Operating temperature range
Topr
-40 to +125
o
C
*Dimensions in inches and (millimeters)
TM
PATENTED
PATENTED
Zowie Technology Corporation
REV. 1
0805
0.083(2.10)
R 0.011(0.275)
0.075(1.90)
0.024(0.60)
0.016(0.40)
0.024(0.60)
0.016(0.40)
0.002(0.05)


Similar Part No. - MSCD014

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD014H ZOWIE-MSCD014H Datasheet
177Kb / 2P
Schottky Barrier Diode
MSCD014H ZOWIE-MSCD014H Datasheet
177Kb / 2P
Schottky Barrier Diode
MSCD014RH ZOWIE-MSCD014RH Datasheet
207Kb / 2P
Schottky Barrier Diode
MSCD014SH ZOWIE-MSCD014SH Datasheet
190Kb / 2P
Thin flat package
More results

Similar Description - MSCD014

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com