Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIO-CSJGIN1/2 Datasheet(PDF) 41 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN1/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN1/2 Datasheet(HTML) 41 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN1/2 Datasheet HTML 37Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 38Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 40Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 41Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJGIN1/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
39
PT, SP, MS/PT
accessories – protection caps
RECEPTACLE PROTECTION CAPS – FOR PT, SP, MS/PT
Shell
Size
B Dia.
+.010
–.000
C Dia.
+.010
–.000
G
Dia.
Max.
L
+.020
–.000
X
Std. & MS
RA, CA, NA
X
MS only
RAL/CAL/NAL
6
.328
.454
.577
.563
3.000
5.000
8
.454
.578
.706
.563
3.000
5.000
10
.578
.703
.816
.563
3.000
5.000
12
.703
.891
1.000
.563
3.500
5.000
14
.844
1.016
1.128
.563
3.500
5.000
16
.969
1.141
1.257
.563
3.500
5.000
18
1.094
1.266
1.367
.563
3.500
5.000
20
1.219
1.391
1.496
.563
4.000
5.000
22
1.343
1.516
1.624
.563
4.000
5.000
24
1.453
1.614
1.747
.603
4.000
5.000
How to Order Proprietary Receptacle Caps:
Wall Receptacle Caps:
10-101960- XX X
Cable Connecting Receptacle Caps: 10-101961- XX X
Jam Nut Receptacle Caps:
10-101964- XX X
Add desired shell size
Add desired finish suffix†
“FL” designates gray zinc nickel
“3” designates olive drab cadmium
“5” designates Alumilite®
Proprietary caps are supplied with standard bead chains only (as shown in drawing
at left). For other chain options, an MS version cap should be ordered.
How to Order MS Version Receptacle Caps:
Wall Receptacle Caps:
MS3181- XX -CA for sash chain
-CAL for long sash chain
-RA for rope chain
-RAL for long rope chain
Jam Nut Recept. Caps:
MS3181- XX -NA for sash chain
-NAL for long sash chain
Shell size
MS versions are supplied with standard anodize finish only. For other finish options
a proprietary cap should be ordered.
PLUG PROTECTION CAPS – FOR PT, SP, MS/PT
Shell
Size
N Dia.
+.001
–.005
L Dia.
+.025
–.015
X
Std. & MS
CA, RA
X
MS only
CAL/RAL
6
.348
.532
3.000
5.000
8
.473
.532
3.000
5.000
10
.590
.532
3.000
5.000
12
.750
.532
3.500
5.000
14
.875
.532
3.500
5.000
16
1.000
.532
3.500
5.000
18
1.125
.532
3.500
5.000
20
1.250
.594
4.000
5.000
22
1.375
.594
4.000
5.000
24
1.500
.627
4.000
5.000
How to Order Proprietary Plug Caps: 10-101957-XX X
Add desired shell size
Add desired finish suffix†
“FL” designates gray zinc nickel
“3” designates olive drab cadmium
“5” designates Alumilite®
Proprietary caps are supplied with standard bead chains only (as shown in drawing
at left). For other chain options an MS version cap should be ordered.
How to Order MS Version Plug Caps: MS3180- XX -CA for sash chain
-CAL for long sash chain
-RA for rope chain
-RAL for long rope chain
RECEPTACLE PROTECTION CAP
FOR PT, SP, MS/PT CONNECTORS
10-101960-XXX
10-101961-XXX
10-101964-XXX
MS3181-XXX
(Cable Connecting
MS3181-XXX
(Wall Receptacle)
Receptacle)
(Jam Nut Receptacle)
PLUG PROTECTION CAP
FOR PT, SP, MS/PT CONNECTORS
MS3180-XXX
10-101957-XXX
† Standard accessory finishes are “3” olive drab cadmium for PT and
MS/PT types, “5” Alumilite® for SP types. Electroless nickel plating is
also available on some items; consult Amphenol, Sidney, NY
All dimensions for reference only.
Shell size
N
L
X
N
L
X
G
L
X
B
X
X
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com