Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM80610-030 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM80610-030
Description  RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80610-030 Datasheet(HTML) 2 Page - STMicroelectronics

  AM80610-030 Datasheet HTML 1Page - STMicroelectronics AM80610-030 Datasheet HTML 2Page - STMicroelectronics AM80610-030 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
Symbol
Test Conditions
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 620 − 960 MHz
PIN
= 4.2 W
VCC
= 28 V
30
——W
ηcf = 620 − 960 MHz
PIN
= 4.2 W
VCC
= 28 V
50
—
—
%
GP
f
= 620 − 960 MHz
PIN
= 4.2 W
VCC
= 28 V
8.5
—
—
dB
STATIC
Symbol
Test Conditio ns
Value
Un it
Mi n.
Typ .
Max.
BVCBO
IC
= 20 mA
IE
= 0mA
55
—
—
V
BVEBO
IE
= 2mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 40 mA
RBE
= 10 Ω
55
—
—
V
ICES
VBE
= 0V
VCE
= 28 V
—
—
10
mA
hFE
VCE
= 5V
IC
= 2A
15
—
150
—
DYNAMIC
TEST CIRCUIT
Dwg.No. C127464
AM80610-030



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com