Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5444IPFPR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5444IPFPR.B
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5444IPFPR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5444IPFPR.B Datasheet HTML 7Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 8Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 9Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 10Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 11Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 12Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 14Page - Texas Instruments ADS5444IPFPR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G005
SFDR = 70.2 dBc
SNR = 67 dBc
THD = 69.5 dBc
SINAD = 65 dBc
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G006
SFDR = 62.5 dBc
SNR = 66.2 dBc
THD = 61.8 dBc
SINAD = 60.4 dBc
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FIN1 = 51.5 MHz, −7 dBFS
FIN2 = 52.5 MHz, −7 dBFS
IMD3 = 100.6 dBFS
G007
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G008
FIN1 = 51.5 MHz, −16 dBFS
FIN2 = 52.5 MHz, −16 dBFS
IMD3 = 99.6 dBFS
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Spectral Performance
Spectral Performance
(FFT For 300 MHz Input Signal)
(FFT For 400 MHz Input Signal)
Figure 6.
Figure 7.
Two-Tone Intermodulation Distortion
Two-Tone Intermodulation Distortion
(FFT For 51.5 MHz and 52.5 MHz Input Signals)
(FFT For 51.5 MHz and 52.5 MHz Input Signals)
Figure 8.
Figure 9.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com