Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z40PW-R1.A Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ20Z40PW-R1.A
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ20Z40PW-R1.A Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z40PW-R1.A Datasheet HTML 1Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 2Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 3Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 4Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 5Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 6Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 7Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 8Page - Texas Instruments BQ20Z40PW-R1.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
bq20z40-R1
www.ti.com
SLUS993A
– DECEMBER 2009 – REVISED MARCH 2011
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
™
TECHNOLOGY FOR USE WITH THE bq29330
Check for Samples: bq20z40-R1
1
FEATURES
APPLICATIONS
•
Notebook PCs
2
•
Next Generation Patented Impedance Track
™
Technology Accurately Measures Available
•
Medical and Test Equipment
Charge in Li-Ion and Li-Polymer Batteries
•
Portable Instrumentation
– Better Than 1% Error Over the Lifetime of
the Battery
DESCRIPTION
The bq20z40-R1 SBS-compliant gas gauge and
•
Supports the Smart Battery Specification
protection IC, incorporating patented Impedance
SBS V1.1
Track
™ technology, is designed for battery-pack or
•
Flexible Configuration for 2-Series, 3-Series,
in-system installation. The bq20z40-R1 measures
and 4-Series Cell Li-Ion and Li-Polymer
and maintains an accurate record of available charge
Batteries
in Li-Ion or Li-Polymer batteries using its integrated
•
Powerful 8-Bit RISC CPU With Ultralow Power
high-performance
analog
peripherals.
The
bq20z40-R1
monitors
capacity
change,
battery
Modes
impedance, open-circuit voltage, and other critical
•
Full Array of Programmable Protection
parameters of the battery pack, and reports the
Features
information to the system host controller over a
– Voltage, Current, and Temperature
serial-communication bus. It is designed to work with
the bq29330 analog front-end (AFE) protection IC to
•
Complies with JEITA Guidelines
maximize functionality and safety, while minimizing
•
Added Flexibility to Handle More Complex
external component count and cost in smart battery
Charging Profiles
circuits.
•
Lifetime Data Logging
The Impedance Track
™ technology continuously
•
Supports SHA-1 Authentication
analyzes the battery impedance, resulting in superior
•
Available in 20-Pin TSSOP (PW) and 32-Pin
gas-gauging accuracy. This enables the remaining
QFN (RSM) Packages
capacity
to
be
calculated
with
discharge
rate,
temperature, and cell aging, which are all accounted
for during each stage of every cycle.
Table 1. AVAILABLE OPTIONS
PACKAGE
TA
20-PIN TSSOP (PW)
20-PIN TSSOP (PW)
32-PIN QFN (RSM)
32-PIN QFN (RSM)
Tube
Tape
& Reel
Tube
Tape
& Reel
–40°C to
bq20z40-R1PW(1)
bq20z40-R1PWR(2)
bq20z40-R1RSM(1)
bq20z40-R1RSMR(2)
85
°C
(1)
A single tube quantity is 50 units.
(2)
A single reel quantity is 2000 units.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - BQ20Z40PW-R1.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z40PW-R1 TI-BQ20Z40PW-R1 Datasheet
249Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z40PW-R1.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z60-R1 TI-BQ20Z60-R1 Datasheet
293Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com