Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78350DBT-R1.A Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ78350DBT-R1.A
Description  bq78350-R1 CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the bq769x0 Battery Monitoring AFE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ78350DBT-R1.A Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 11Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 12Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 13Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 14Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 15Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 16Page - Texas Instruments BQ78350DBT-R1.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
bq78350-R1
www.ti.com
SLUSCD0B – AUGUST 2015 – REVISED NOVEMBER 2018
Product Folder Links: bq78350-R1
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
9 Application and Implementation
9.1 Application Information
The bq78350-R1 Battery Management Controller companion to the bq769x0 family of battery monitoring AFEs
enables many standard and enhanced battery management features in a 3-series to 15-series Li-Ion/Li Polymer
battery pack.
To design and implement a complete solution, users need the Battery Management Studio (bqStudio) tool to
configure a "golden image" set of parameters for a specific battery pack and application. The bqStudio tool is a
graphical user-interface tool installed on a PC during development. The firmware installed in the product has
default values, which are summarized in the bq78350-R1 Technical Reference Manual (SLUUBD3). With the
bqStudio tool, users can change these default values to cater to specific application requirements. Once the
system parameters are known (for example, fault trigger thresholds for protection, enable/disable of certain
features for operation, configuration of cells, among others), the data can be saved. This data is referred to as
the "golden image.”
9.2 Typical Applications
The bq78350-R1 device can be used with the bq76920, bq76930, or bq76940 device, but it is set up, by default,
for a 5-series cell, 4400-mA battery application using the bq76920 AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com