Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3RL02BYFPR.B Datasheet(PDF) 14 Page - Texas Instruments

Part # CDC3RL02BYFPR.B
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDC3RL02BYFPR.B Datasheet HTML 10Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 11Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 12Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 13Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 14Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 15Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 16Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 17Page - Texas Instruments CDC3RL02BYFPR.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
• Texas Instruments, AN-2028 LMH2191 Evaluation Board, compatible EVM user's guide
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (November 2022) to Revision H (October 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the Electrical Characteristics for increased 100MHz MCLK_IN maximum frequency......................... 5
Changes from Revision F (August 2019) to Revision G (November 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed MCLK_IN frequency maximum value from: 54MHz to: 80MHz.......................................................... 5
• Changed the x-axis range in Figure 6-3 ............................................................................................................ 7
• Moved the Power Supply Recommendations and Layout sections to the Application and Implementation
section.............................................................................................................................................................. 13
Changes from Revision E (August 2018) to Revision F (August 2019)
Page
• Changed MCLK_IN frequency maximum value from: 52MHz to: 54MHz.......................................................... 5
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com