Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB202 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KB202
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KB202 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KB202 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KB202 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KB201 THRU KB207
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INST ANT ANEOUS FOR WARD VOL TAGE (V)
Fi g. 2 Typical Forward Characteristics
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES
AT 60 Hz
Fi g. 3 Max Non-Repetitive Sur ge Current
60
Pulse Width 8.3 ms
Single Half-Sine-W ave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE
VOL TAGE (V)
Fi g. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (% )
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERA TURE (°C)
Fi g. 1 Forward Current Deratin g Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load
RATINGS AND CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com