Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD86336Q3DT Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD86336Q3DT
Description  CSD86336Q3D Synchronous Buck NexFET™ Power Block
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD86336Q3DT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD86336Q3DT Datasheet HTML 9Page - Texas Instruments CSD86336Q3DT Datasheet HTML 10Page - Texas Instruments CSD86336Q3DT Datasheet HTML 11Page - Texas Instruments CSD86336Q3DT Datasheet HTML 12Page - Texas Instruments CSD86336Q3DT Datasheet HTML 13Page - Texas Instruments CSD86336Q3DT Datasheet HTML 14Page - Texas Instruments CSD86336Q3DT Datasheet HTML 15Page - Texas Instruments CSD86336Q3DT Datasheet HTML 16Page - Texas Instruments CSD86336Q3DT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
CSD86336Q3D
www.ti.com
SLPS666 – MARCH 2018
Product Folder Links: CSD86336Q3D
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
Table 1 compares the traditional DC measured RDS(ON) of CSD86336Q3D versus its ZDS(ON). This comparison
takes into account the improved efficiency associated with TI’s patented packaging technology. As such, when
comparing TI’s power block products to individually packaged discrete MOSFETs or dual MOSFETs in a
standard package, the in-circuit switching performance of the solution must be considered. In this example,
individually packaged discrete MOSFETs or dual MOSFETs in a standard package would need to have DC
measured RDS(ON) values that are equivalent to the ZDS(ON) value of CSD86336Q3D in order to have the same
efficiency performance at full load. Mid to light-load efficiency will still be lower with individually packaged discrete
MOSFETs or dual MOSFETs in a standard package.
Table 1. Comparison of RDS(ON) vs ZDS(ON)
PARAMETER
HS
LS
TYP
MAX
TYP
MAX
Effective AC on-impedance ZDS(ON) (VGS = 5 V)
9.1
—
3.4
—
DC measured RDS(ON) (VGS = 4.5 V)
9.1
11.4
4.6
5.7
The CSD86336Q3D NexFET™ power block is an optimized design for synchronous buck applications using 5-V
gate drive. The control FET and sync FET silicon are parametrically tuned to yield the lowest power loss and
highest system efficiency. As a result, a new rating method is needed which is tailored towards a more systems-
centric environment. System-level performance curves such as power loss, safe operating area (SOA), and
normalized graphs allow engineers to predict the product performance in the actual application.
6.2 Power Loss Curves
MOSFET centric parameters such as RDS(ON) and Qgd are needed to estimate the loss generated by the devices.
In an effort to simplify the design process for engineers, Texas Instruments has provided measured power loss
performance curves. Figure 1 plots the power loss of the CSD86336Q3D as a function of load current. This curve
is measured by configuring and running the CSD86336Q3D as it would be in the final application (see
Figure 30). The measured power loss is the CSD86336Q3D loss and consists of both input conversion loss and
gate drive loss. Equation 1 is used to generate the power loss curve.
(VIN × IIN) + (VDD × IDD) – (VSW_AVG × IOUT) = power loss
(1)
The power loss curve in Figure 1 is measured at the maximum recommended junction temperatures of 125°C
under isothermal test conditions.
6.3 Safe Operating Area (SOA) Curves
The SOA curve in the CSD86336Q3D data sheet provides guidance on the temperature boundaries within an
operating system by incorporating the thermal resistance and system power loss. Figure 3 outlines the
temperature conditions required for a given load current. The area under the curve dictates the safe operating
area. All the curves are based on measurements made on a PCB design with dimensions of 4 in (W) × 3.5 in (L)
× 0.062 in (T) and 6 copper layers of 1-oz copper thickness.
6.4 Normalized Curves
The normalized curves in the CSD86336Q3D data sheet provides guidance on the power loss and SOA
adjustments based on their application specific needs. These curves show how the power loss and SOA
boundaries will adjust for a given set of systems conditions. The primary Y-axis is the normalized change in
power loss and the secondary Y-axis is the change in system temperature required in order to comply with the
SOA curve. The change in power loss is a multiplier for the power loss curve and the change in temperature is
subtracted from the SOA curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com