Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87331Q3D.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 3Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 4Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 5Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 6Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 7Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 8Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 9Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 10Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
Qg - Gate Charge - nC (nC)
ID = 8A
VDD = 15V
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
Qg - Gate Charge - nC (nC)
ID = 8A
VDD = 15V
0.001
0.01
0.1
1
10
100
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 3V
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 3V
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
0.6
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
7
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
5.7 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 10. Control MOSFET Saturation
Figure 11. Sync MOSFET Saturation
Figure 12. Control MOSFET Transfer
Figure 13. Sync MOSFET Transfer
Figure 14. Control MOSFET Gate Charge
Figure 15. Sync MOSFET Gate Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com