Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87334Q3D Datasheet(PDF) 21 Page - Texas Instruments

Part # CSD87334Q3D
Description  CSD87334Q3D Synchronous Buck NexFET™ Power Block
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87334Q3D Datasheet(HTML) 21 Page - Texas Instruments

Back Button CSD87334Q3D Datasheet HTML 16Page - Texas Instruments CSD87334Q3D Datasheet HTML 17Page - Texas Instruments CSD87334Q3D Datasheet HTML 18Page - Texas Instruments CSD87334Q3D Datasheet HTML 19Page - Texas Instruments CSD87334Q3D Datasheet HTML 20Page - Texas Instruments CSD87334Q3D Datasheet HTML 21Page - Texas Instruments CSD87334Q3D Datasheet HTML 22Page - Texas Instruments CSD87334Q3D Datasheet HTML 23Page - Texas Instruments CSD87334Q3D Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.40
0.28
2.7 0.1
8X
0.5
0.4
2X
1.95
1.8 0.1
6X 0.65
1.05 MAX
0.05
0.00
0.32
0.12
B
3.4
3.2
A
3.4
3.2
(0.2) TYP
4X (0.2)
2X (0.98)
VSON - 1.05 mm max height
DPB0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218873/B 11/2024
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
REFER TO NOTE 4
1
4
5
8
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
9
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance
4. Exposed metals on side wall may vary & not visible.
SCALE 3.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com