Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7HSA2-W Datasheet(PDF) 2 Page - MIDLITE Corporation

Part # C7HSA2-W
Description  Speaker Mount and Hidden Power for Sonos® One & One SL Mounts between studs to any desired location.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDLITE [MIDLITE Corporation]
Direct Link  https://www.midlite.com/
Logo MIDLITE - MIDLITE Corporation

C7HSA2-W Datasheet(HTML) 2 Page - MIDLITE Corporation

  C7HSA2-W Datasheet HTML 1Page - MIDLITE Corporation C7HSA2-W Datasheet HTML 2Page - MIDLITE Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WIP END
NEARBY
RECEPTACLE
LIVE WALL
OUTLET
6’ POWER CORD
SONOS ONE / ONE SL
MULTI-DIRECTION
SPEAKER MOUNT
SPEAKER POWER
INTERCONNECT
POWER INLET
INTERCONNECT
2-3/8” HOLE
(HOLE SAW)
RECESSED
IEC POWER INLET
www.midlite.com
115 Wordell St. Fall River, MA 02721
Tel: 508.676.5169 / Toll Free: 800.606.5169 / Fax: 508.861.0105
An all-in-one solution that
provides wall mounting
capabilities and hidden power
for Sonos One and One SL
wireless speakers.
The Adjustable mounting arm
can pivot left or right, up or
down and rotate to target the
sound direction. This allows for
a fully customizable
installation.
No electrician required! This
simple plug-and-play solution
requires minimal tools and
o ers DIY friendly power
relocation.
Conforms to STD 514D and Certified CSA STD 22.2 No. 42.1-00
Electrical Rating: 125 VAC, 15 AMPS, 60 Hz
Meets UL 817 & CSA#22.2#21
Interconnect meets UL 2256, 2459
Meets NEC 2014 Article 400.7 (A)(11)
Patented with multiple patents pending.
All rights reserved. Sonos is a registered trademark of Sonos, Inc.
7’ SINGLE END
JUMPER
Installed View
Speaker Mount and Hidden Power
for Sonos® One & One SL
Mounts between studs to any desired location. PN: C7HSA2-W, White, 7’ / C7HSA2-B, Black, 7’
Also Available in 15’, 25’ and 40’ lengths and in
non-terminated WIPS for direct wiring in electrical
boxes.
Visit www.midlite.com to learn more.
(Optional)
New Construction Bracket, PN: SB-2
Install on stud prior to sheet rock,
rotozip opening for Speedport™
For new construction projects,
add on our metal
Speedport
™ New Construction
Bracket. Simply fasten to a
stud and once the sheet rock
has been laid, the bracket
allows installers to use a
rotozip opening to ensure
proper size and placement of
the hole.
PN:
SB-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com