Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3BC-Y/G Datasheet(PDF) 3 Page - Bivar, Inc.

Part # 3BC-Y/G
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3BC-Y/G Datasheet(HTML) 3 Page - Bivar, Inc.

  3BC-Y/G Datasheet HTML 1Page - Bivar, Inc. 3BC-Y/G Datasheet HTML 2Page - Bivar, Inc. 3BC-Y/G Datasheet HTML 3Page - Bivar, Inc. 3BC-Y/G Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
If
(mA)
Iv
(mcd)
MAX
TYP
MAX
TYP
PM3UBWC
GaN/SiC
470
BLUE
WATER CLEAR
30
4
4.5
400
30
3UBWC‐0.6K
PM3SGC
GaP/GaP
568
GREEN
WATER CLEAR
302.1
2.850
303SGC‐S
PM3SGD
GaP/GaP
568
GREEN
DIFFUSED
30
2.1
2.8
30
40
3SGD‐S
PM3SGT
GaP/GaP
568
GREEN
TINTED
30
2.1
2.8
50
30
3SGT‐S
PM3SYC
GaAsP/GaP
590
YELLOW
WATER CLEAR
302.0
2.850
30
3SYC‐S
PM3SYD
GaAsP/GaP
590
YELLOW
DIFFUSED
30
2.0
2.8
30
40
3SYD‐S
PM3SYT
GaAsP/GaP
590
YELLOW
TINTED
30
2.0
2.8
50
30
3SYT‐S
PM3SAC
AlGaInP
605
AMBER
WATER CLEAR
30
1.8
2.4
300
30
3SAC‐S
PM3SAD
AlGaInP
605
AMBER
DIFFUSED
30
1.8
2.4
100
40
3SAD‐S
PM3SAT
AlGaInP
605
AMBER
TINTED
30
1.8
2.4
300
30
3SAT‐S
PM3SRC
GaAlAs/GaAs
645
SUPER RED WATER CLEAR
301.7
2.460
303SRC‐S
PM3SRD
GaAlAs/GaAs
645
SUPER RED
DIFFUSED
30
1.7
2.4
40
40
3SRD‐S
PM3SRT
GaAlAs/GaAs
645
SUPER RED
TINTED
301.7
2.460
30
3SRT‐S
PM3UGC
AlGaInP
570
GREEN
WATER CLEAR
30
2.1
2.4
200
30
3UGC‐S
PM3SUGC
AlGaInP
570
GREEN
WATER CLEAR
30
2.1
2.4
300
30
3SUGC‐S
PM3UYC
AlGaInP
590
YELLOW
WATER CLEAR
30
2.0
2.4
300
30
3UYC‐S
PM3SUYC
AlGaInP
590
YELLOW
WATER CLEAR
30
2.0
2.4
400
30
3SUYC‐S
PM3UUYC
AlGaInP
590
YELLOW
WATER CLEAR
30
2.0
2.4
600
30
3UUYC‐S
PM3UOC
AlGaInP
625
ORANGE
WATER CLEAR
30
1.8
2.4
300
30
3UOC‐S
PM3SUOC
AlGaInP
625
ORANGE
WATER CLEAR
30
1.8
2.4
400
30
3SUOC‐S
PM3URC
GaAlAs/GaAs
645
RED
WATER CLEAR
30
1.7
2.4
200
30
3URC‐S
PM3SURC
AlGaInP
640
RED
WATER CLEAR
30
1.8
2.4
200
30
3SURC‐S
PM3UWC
InGaN/Sappire
6500K
WHITE
WATER CLEAR
30
3.4
3.8
1000
30
3UWC1.030C
LED Assy. No.
Chip
Lens
Appearance
Electro‐Optical Data @ 20mA
Viewing 
Angle
2 θ ½
(Deg)
LED P/N
Material
Peak 
Wave 
Length
Emitted 
Color
Vf
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com