Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAHT073C2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PRAHT073C2
Description  High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHT073C2 Datasheet(HTML) 1 Page - Vishay Siliconix

  PRAHT073C2 Datasheet HTML 1Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 2Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 3Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 4Page - Vishay Siliconix PRAHT073C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRAHT 100, PRAHT 135, PRAHT 182 (CNW)
www.vishay.com
Vishay Sfernice
Revision: 18-Sep-14
1
Document Number: 53057
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Temperature (230 °C) High Precision
Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
PRAHT arrays can be used in most applications requiring a
matched pair (or set) of resistor elements at very high
temperature up to 230 °C. The networks provide 2 ppm/°C
TCR tracking, a ratio tolerance as tight as 0.05 % and
outstanding stability.
They are available in pitch:
• 1.00 mm for PRAHT 100 (based on case 0603)
• 1.35 mm for PRAHT 135 (based on case 0805)
• 1.82 mm for PRAHT 182 (based on case 1206)
FEATURES
• Tight TCR (10 ppm/°C) and TCR tracking
(to 2 ppm/°C)
• 2 to 4 resistors (same or different values)
• Ratio tolerance to 0.05 %
• Gold terminations for temperature up to 230 °C
• High temperature (230 °C)
• SnAg terminations for temperature up to 200 °C
• SMD wraparound chip resistor array
• Thin film technology
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
DIMENSIONS
ABSOLUTE
TRACKING
TCR
10 ppm/°C
2 ppm/°C
ABSOLUTE
RATIO
TOL.
0.5 %
0.05 %
Available
Available
Suggested land pattern
(according to IPC-7351A)
A
B
C
D
E
F
X
max.
B
A
D
E
F
C
E
Z
max. Gmin.
One common point
Independent resistors
DIM.
PRAHT 100
(0603 base)
PRAHT 135
(0805 base)
PRAHT 182
(1206 base)
mm
mil
mm
mil
mm
mil
A
1.52
± 0.152
60
± 6
1.91
± 0.152
75
± 6
3.06
± 0.152
120
± 6
B
B = N x E (± 0.2 mm)
B = N x E (± 8 mil)
C
0.5
± 0.127
20
± 5
0.5
± 0.127
20
± 5
0.5
± 0.127
20
± 5
D
0.38
± 0.13
15
± 5
0.38
± 0.13
15
± 5
0.40
± 0.13
16
± 5
E
1
40
1.35
53
1.825
72
F
0.7
± 0.1
27.6
± 4
1.05
± 0.1
41.4
± 4
1.525
± 0.1
60
± 4
Gmin.
0.49
19.3
0.88
34.5
1.99
78.3
Xmax.
0.66
26
1.01
39.8
1.49
58.7
Zmax.
2.57
101.2
2.96
116.5
4.11
161.8


Similar Part No. - PRAHT073C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PRAHT135 VISHAY-PRAHT135 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PRAHT182 VISHAY-PRAHT182 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
More results

Similar Description - PRAHT073C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
P VISHAY-P Datasheet
131Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
20-Feb-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
13-Nov-15
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
Sulfur-Resistant Thin Film Precision Chip Resistors
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
logo
Vishay Siliconix
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
18-Oct-2021
logo
Stackpole Electronics, ...
RMCS-PD SEI-RMCS-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com