Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAHT073C3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRAHT073C3
Description  High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHT073C3 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRAHT073C3 Datasheet HTML 1Page - Vishay Siliconix PRAHT073C3 Datasheet HTML 2Page - Vishay Siliconix PRAHT073C3 Datasheet HTML 3Page - Vishay Siliconix PRAHT073C3 Datasheet HTML 4Page - Vishay Siliconix PRAHT073C3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRAHT 100, PRAHT 135, PRAHT 182 (CNW)
www.vishay.com
Vishay Sfernice
Revision: 18-Sep-14
3
Document Number: 53057
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) N terminations for temperatures up to 200°C.
G terminations for temepratures up to 230°C.
PACKAGING
Several types of packaging are available: Waffle-pack and
tape and reel.
DERATING
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code.
Tape and Reel
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered is between the MOQ and the
maximum reel capacity, only one reel is provided.
When several reels are needed for ordered quantity
within MOQ and maximum reel capacity: Please consult
Vishay Sfernice for specific ordering code.
MARKING
On the primary package, printed information includes
Vishay S.A. trademark series and model, schematic number
of resistors, ohmic value, absolute tolerance, ratio tolerance,
type of termination: B tinned over nickel barrier.
Marking on parts:
E.g.: Ohmic value 13K:
Coded 1302: M = 1, C = 3, D = 0, U = 2
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C to +215 °C
Storage temperature range
-55 °C to +230 °C
PERFORMANCE VS. HUMID SULFUR VAPOR
Test conditions
50 °C ± 2 °C, 85 % ± 4 % RH,
exposure time 500 h
Test results
Resistance drift < (0.05 % R + 0.05
),
no corrosion products observed
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thin Film
Film
Nickel chromium with mineral passivation
Terminations (1)
N type: SnAg over nickel barrier
G type: Gold over nickel barrier
PERFORMANCES
TEST
SPECIFICATIONS
Noise
 -35 dB
Voltage coefficient
 0.01 ppm/V
Limiting voltage
PRAHT 100
50 V
PRAHT 135
100 V
PRAHT 182
150 V
NUMBER OF PIECES PER PACKAGE
SIZE
MOQ
WAFFLE PACK
MAX. QUANTITY
PER BOX
TAPE AND REEL
MIN.
MAX.
PRA100 x 2
100
100
100
4000
PRA100 x 3
140
PRA100 x 4
60
PRA135 x 2
140
100
4000
PRA135 x 3
60
PRA135 x 4
60
PRA182 x 2
60
100
2000
PRA182 x 3
60
4000
PRA182 x 4
50
2000
0
50
100
150
200
250
300
350
0
50
100
150
200
250
AMBIENT TEMPERATURE IN °C
12
87
R1
R2
M
34
65
R3
R4
CD
U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com