Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16LF1613 Datasheet(PDF) 2 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 2 Page - Microchip Technology

  16LF1613 Datasheet HTML 1Page - Microchip Technology 16LF1613 Datasheet HTML 2Page - Microchip Technology 16LF1613 Datasheet HTML 3Page - Microchip Technology 16LF1613 Datasheet HTML 4Page - Microchip Technology 16LF1613 Datasheet HTML 5Page - Microchip Technology 16LF1613 Datasheet HTML 6Page - Microchip Technology 16LF1613 Datasheet HTML 7Page - Microchip Technology 16LF1613 Datasheet HTML 8Page - Microchip Technology 16LF1613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 2
PIC12(L)F1612/16(L)F1613
• Up to 11 I/O Pins and One Input-only Pin:
- Individually programmable pull-ups
- Slew rate control
- Interrupt-on-change with edge-select
Intelligent Analog Peripherals
• 10-Bit Analog-to-Digital Converter (ADC):
- Up to 8 external channels
- Conversion available during Sleep
• Up to Two Comparators (COMP):
- Low-Power/High-Speed mode
- Up to three external inverting inputs
- Fixed Voltage Reference at non-inverting
input(s)
- Comparator outputs externally accessible
• 8-Bit Digital-to-Analog Converter (DAC):
- 8-bit resolution, rail-to-rail
- Positive Reference Selection
• Voltage Reference:
- Fixed Voltage Reference (FVR): 1.024V,
2.048V and 4.096V output levels
• Zero-Cross Detect (ZCD):
- Detect when AC signal on pin crosses
ground
• Two High-Current Drive Pins:
- 100mA @ 5V
Clocking Structure
• 16 MHz Internal Oscillator:
- ±1% at calibration
- Selectable frequency range from 32 MHz to
31 kHz
• 31 kHz Low-Power Internal Oscillator
• 4x Phase-Locked Loop (PLL):
- For up to 32 MHz internal operation
• External Oscillator Block with:
- Three external clock modes up to 32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com