Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7513 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7513 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7513 Datasheet HTML 1Page - Texas Instruments DAC7513 Datasheet HTML 2Page - Texas Instruments DAC7513 Datasheet HTML 3Page - Texas Instruments DAC7513 Datasheet HTML 4Page - Texas Instruments DAC7513 Datasheet HTML 5Page - Texas Instruments DAC7513 Datasheet HTML 6Page - Texas Instruments DAC7513 Datasheet HTML 7Page - Texas Instruments DAC7513 Datasheet HTML 8Page - Texas Instruments DAC7513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DAC7513
3
SBAS157A
www.ti.com
MSOP-8
SOT23-8
NAME
DESCRIPTION
14
VDD
Power Supply Input, +2.7V to +5.5V
23
VREF
Reference Voltage Input
32
VFB
Feedback connection for the output amplifier.
41
VOUT
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
5
8
SYNC
Level triggered control input (active LOW), this is the frame sychronization signal for the input data. When SYNC
goes LOW, it enables the input shift register and data is transferred in on the falling edges of the following clocks.
The DAC is updated following the 16th clock cycle unless SYNC is taken HIGH before this edge in which case
the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC7513.
6
7
SCLK
Serial Clock Input. Data can be transferred at rates up to 30MHz.
76
DIN
Serial Data Input. Data is clocked into the 16-bit input shift register on the falling edge of the serial clock input.
8
5
GND
Ground reference point for all circuitry on the part.
PIN DESCRIPTIONS
MARKING ARTWORK
Top View
SOT23-8
MSOP-8
Lot
Trace Code
Pin 1
Model Code
(4 Characters Max.)
GRS00035 Option 1
Pin 1
Identifier
Pin 1
D13N
Bottom View
YMLL
Lot Trace Code
GRS00035 Option 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com