Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7573IPWR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC7573IPWR.B
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7573IPWR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7573IPWR.B Datasheet HTML 17Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 18Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 19Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 20Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 21Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 22Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 23Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 24Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
DAC7573 as a Slave Transmitter - Standard and Fast Mode
SLAVE ADDRESS R/W
A Ctrl <7:1>
A
MS-Byte A
LS-Byte
A P
’0’ (write)
Data Transferred
(2 Bytes + Acknowledge)
PDN-Byte:
PD1
PD2
1
1
1
1
1
1
MSB
LSB
S
PD0
Sr Slave Address
R/W A
’1’ (read)
’0’ = (Normal Mode)
A
PDN-Byte A
LS-Byte
A P
PD0
Sr Slave Address
R/W
A
MS-Byte A
(DAC7573)
(MASTER)
(MASTER)
’1’ = (Power Down Flag)
Data Transferred
(3 Bytes + Acknowledge)
(DAC7573)
(MASTER)
(MASTER)
(MASTER)
PD1 = Power Down Bit
PD2 = Power Down Bit
’1’ (read)
(DAC7573)
(DAC7573)
DAC7573 as a Slave Transmitter - High-Speed Mode
Slave Address
R/W A Ctrl <7:1>
A
MS-Byte A
LS-Byte
A P
’0’ (write)
Data Transferred
(2 Bytes + Acknowledge)
PD0
Sr
Slave Address
R/W A
’1’ (read)
’0’ = (Normal Mode)
A
PDN-Byte A
LS-Byte
A P
PD0
Sr Slave Address
R/W
A
MS-Byte A
(DAC7573)
(DAC7573)
(DAC7573)
(MASTER)
(MASTER)
’1’ = (Power Down Flag)
Data Transferred
(3 Bytes + Acknowledge)
(DAC7573)
(MASTER)
(MASTER)
(MASTER)
Sr
HS-Mode
A
S
F/S-Mode
’1’ (read)
HS-Master Code
DAC7573
SLAS398 – SEPTEMBER 2003
Figure 37 shows the standard and fast mode master receiver addressing a DAC7573 Slave Transmitter with a
7-bit address.
Figure 37. Standard and Fast Mode: Slave Transmitter
Figure 38 shows an I
2C-Master addressing DAC7573 in high-speed mode (with a 7-bit address), as a Slave
Transmitter.
Figure 38. High-Speed Mode: Slave Transmitter
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com