Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIX9211 Datasheet(PDF) 34 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 30Page - Texas Instruments DIX9211 Datasheet HTML 31Page - Texas Instruments DIX9211 Datasheet HTML 32Page - Texas Instruments DIX9211 Datasheet HTML 33Page - Texas Instruments DIX9211 Datasheet HTML 34Page - Texas Instruments DIX9211 Datasheet HTML 35Page - Texas Instruments DIX9211 Datasheet HTML 36Page - Texas Instruments DIX9211 Datasheet HTML 37Page - Texas Instruments DIX9211 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
MPIO and MPO Assignments
The I/O function of the MPIOs and MPOs are assigned by Registers MPASEL[1:0], MPBSEL[2:0], MPCSEL[2:0],
MPO0SEL[3:0], and MPO1SEL[3:0]. The available functions are shown in Table 11 through Table 15.
Table 11. MPIO Group A (Pins: MPIO_A0 to MPIO_A3)
MPASEL[1:0]
DIRECTION
MPIO GROUP A FUNCTION
00
IN
Biphase input (RXIN8/RXIN9/RXIN10/RXIN11)
01
OUT
AVR Application 1 (CLKST, VOUT, XMCKO, INT0) (default)(1)
10
OUT
AVR Application 2 (SBCK, SLRCK, XMCKO, INT0)
11
IN/ OUT
DIR Flags output or GPIOs
(1)
MPIO_A0 to MPIO_A3 are set to Hi-Z by the MPA0HZ to MPA3HZ registers as default.
Table 12. MPIO Group B (Pins: MPIO_B0 to MPIO_B3)
MPBSEL[2:0]
DIRECTION
MPIO GROUP B FUNCTION
000
IN
AUXIN2, ASCKI2/ABCKI2/ALRCKI2/ADIN2 (default)
001
OUT
AUXOUT, ASCKO/ABCKO/ALRCKO/ADOUT
010
OUT
Sampling frequency calculated result output, SFSOUT[3:0]
011
IN/OUT
DIR Flags Output or GPIO
100
OUT
DIR BCUV_Output (BFRAME/COUT/UOUT/VOUT)
101
IN/OUT
External slave ADC input (EASCKO/EABCKO/EALRCKO/EADIN)
110
N/A
Reserved
111
N/A
Reserved
Table 13. MPIO Group C (Pins: MPIO_C0 to MPIO_C3)
MPCSEL[2:0]
DIRECTION
MPIO GROUP C FUNCTION
000
IN
AUXIN1 (ASCKI1/ABCKI1/ALRCKI1/ADIN1) (default)
001
IN/OUT
Reserved
010
OUT
Sampling frequency calculated result output, SFSOUT[3:0]
011
IN/OUT
DIR Flags output or GPIO
100
OUT
DIR BCUV output (BFRAME/COUT/UOUT/VOUT)
101
IN
DIT Standalone, clock, and data (TXSCK/TXBCK/TXLRCK/TXDIN)
110
N/A
Reserved
111
N/A
Reserved
34
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com