Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849CVS/NOPB Datasheet(PDF) 58 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 58 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 54Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 55Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 56Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 57Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 58Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 59Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
57
www.national.com
7.1.10 PHY Status Register (PHYSTS)
This register provides a single location within the register set for quick access to commonly accessed information.
Table 29. PHY Status Register (PHYSTS), address 10h
Bit
Bit Name
Default
Description
15
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
14
MDIX MODE
0, RO
MDIX mode as reported by the Auto-Negotiation logic:
This bit will be affected by the settings of the MDIX_EN and
FORCE_MDIX bits in the PHYCR register. When MDIX is enabled,
but not forced, this bit will update dynamically as the Auto-MDIX al-
gorithm swaps between MDI and MDIX configurations.
1 = MDI pairs swapped
(Receive on TPTD pair, Transmit on TPRD pair)
0 = MDI pairs normal
(Receive on TRD pair, Transmit on TPTD pair)
13
RECEIVE ERROR
LATCH
0, RO/LH
Receive Error Latch:
This bit will be cleared upon a read of the RECR register.
1 = Receive error event has occurred since last read of RXERCNT
(address 15h, Page 0).
0 = No receive error event has occurred.
12
POLARITY STATUS
0, RO
Polarity Status:
This bit is a duplication of bit 4 in the 10BTSCR register. This bit will
be cleared upon a read of the 10BTSCR register, but not upon a
read of the PHYSTS register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
11
FALSE CARRIER
SENSE LATCH
0, RO/LH
False Carrier Sense Latch:
This bit will be cleared upon a read of the FCSR register.
1 = False Carrier event has occurred since last read of FCSCR (ad-
dress 14h).
0 = No False Carrier event has occurred.
10
SIGNAL DETECT
0, RO/LL
100Base-TX qualified Signal Detect from PMA:
This is the SD that goes into the link monitor. It is the AND of raw
SD and descrambler lock, when address 16h, bit 8 (page 0) is set.
When this bit is cleared, it will be equivalent to the raw SD from the
PMD.
9
DESCRAMBLER
LOCK
0, RO/LL
100Base-TX Descrambler Lock from PMD.
8
PAGE RECEIVED
0, RO
Link Code Word Page Received:
This is a duplicate of the Page Received bit in the ANER register,
but this bit will not be cleared upon a read of the PHYSTS register.
1 = A new Link Code Word Page has been received. Cleared on
read of the ANER (address 06h, bit 1).
0 = Link Code Word Page has not been received.
7
MII INTERRUPT
0, RO
MII Interrupt Pending:
1 = Indicates that an internal interrupt is pending. Interrupt source
can be determined by reading the MISR Register (12h). Reading
the MISR will clear the Interrupt.
0 = No interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com