Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2901DDVR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV2901DDVR
Description  DRV2901 Single-Channel PWM-input Piezo Transducer Driver for Ultrasonic Cleaning with Wide Supply Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2901DDVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV2901DDVR Datasheet HTML 4Page - Texas Instruments DRV2901DDVR Datasheet HTML 5Page - Texas Instruments DRV2901DDVR Datasheet HTML 6Page - Texas Instruments DRV2901DDVR Datasheet HTML 7Page - Texas Instruments DRV2901DDVR Datasheet HTML 8Page - Texas Instruments DRV2901DDVR Datasheet HTML 9Page - Texas Instruments DRV2901DDVR Datasheet HTML 10Page - Texas Instruments DRV2901DDVR Datasheet HTML 11Page - Texas Instruments DRV2901DDVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
6.6 Typical Characteristics
1.10
0.96
1.00
0.98
1.02
1.04
Gate Drive (V)
11.0
10.0
8.0
10.5
9.5
8.5
9.0
11.5
1.06
1.08
12
TJ = 25°C
Figure 6-1. Normalized RDS(on) vs Gate Drive
1.6
0.4
0.6
0.8
1.0
T – Junction Temperature – C
J
o
80
40
120
–40
60
20
–20
0
100
1.2
1.4
140
GVDD = 12 V
Figure 6-2. Normalized RDS(on) vs Junction
Temperature
–1
5
0
1
2
3
Voltage (V)
1.2
0.8
0
1
0.6
0.2
0.4
4
6
TJ = 25°C
Figure 6-3. Drain To Source Diode Forward
On Characteristics
0
100
10
20
30
40
50
60
70
80
90
Input Duty Cycle (%)
90
60
100
0
70
40
20
10
30
50
80
FS = 500 kHz; TC =
25°C
Figure 6-4. Output Duty Cycle vs Input Duty Cycle
DRV2901
SLASF54 – JANUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DRV2901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com