Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS712EG Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # PFS712EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS712EG Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button PFS712EG Datasheet HTML 15Page - Power Integrations, Inc. PFS712EG Datasheet HTML 16Page - Power Integrations, Inc. PFS712EG Datasheet HTML 17Page - Power Integrations, Inc. PFS712EG Datasheet HTML 18Page - Power Integrations, Inc. PFS712EG Datasheet HTML 19Page - Power Integrations, Inc. PFS712EG Datasheet HTML 20Page - Power Integrations, Inc. PFS712EG Datasheet HTML 21Page - Power Integrations, Inc. PFS712EG Datasheet HTML 22Page - Power Integrations, Inc. PFS712EG Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Rev. G 06/15
19
PFS704-729EG
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Maximum Operating
ON-time
t
ON(MAX)
0 °C < TC < 100 °C
30
40
50
ms
Minimum Operating
ON-time
t
ON(MIN)
See Note A
0 °C < T
C < 100 °C
0
1
Maximum Operating
OFF-time
t
OFF(MAX)
0 °C < T
C < 100 °C
30
40
50
Minimum Operating
OFF-time
t
OFF(MIN)
0 °C < T
C < 100 °C
1
3
Internal Feedback
Voltage Reference
V
REF
T
C = 25 °C
See Note A
5.955
6.00
6.045
V
FEEDBACK Pin
Voltage
V
FB
0 °C < T
C < 100 °C
(In Regulation)
5.82
6.00
6.18
V
FEEDBACK Pin
Current
I
FB
T
C = 25 °C
340
500
640
nA
Soft-Start Time
t
SOFT
T
C = 25 °C
12
ms
Internal Compensation
Frequency
f
COMP
See Note A
Pole (fp)
1
kHz
Error-Amplifier Gain
A
v
See Note A
100
-
Absolute Maximum Ratings(2)
DRAIN Pin Peak Current: PFS704 ......................................7.5 A
PFS706......................................9.0 A
PFS708.................................... 11.3 A
PFS710 ....................................13.5 A
PFS712 ....................................15.8 A
PFS713/PFS714 .......................18.0 A
PFS716 ....................................21.0 A
PFS723 ......................................7.5 A
PFS724 ......................................9.0 A
PFS725 .................................... 11.3 A
PFS726 ....................................13.5 A
PFS727 ....................................15.8 A
PFS728 ....................................18.0 A
PFS729....................................21.0 A
DRAIN Pin Voltage ............................. -0.3 V to 530 V / 540 V(5)
VCC Pin Voltage................................................... -0.3 V to 15 V
VCC Pin Current.............................................................. 25 mA
VOLTAGE MONITOR Pin Voltage............................ -0.3 V to 9 V
FEEDBACK Pin Voltage.......................................... -0.3 V to 9 V
Storage Temperature ...................................... -65
°C to 150 °C
Operating Junction Temperature(3)................... -40
°C to 150 °C
Lead Temperature(4) ........................................................260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time
without causing permanent damage to the product. Expo-
sure to Absolute Maximum Rating conditions for extended
periods of time may affect product reliability.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Limited to a duration ≤ 15 ns and at a drain current ≤ I
LIM(TYP).
Thermal Resistance
Thermal Resistance: E Package:
(
q
JA)
(1,2)
.......................................103
°C/W
(
q
JC) ................................... (see Figure 20)
Notes:
1. MOSFET only – controller junction temperature (T
C) may be
less than the power MOSFET junction temperature (T
M).
2. Free Standing with no heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com