Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM82223-010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM82223-010
Description  TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82223-010 Datasheet(HTML) 1 Page - STMicroelectronics

  AM82223-010 Datasheet HTML 1Page - STMicroelectronics AM82223-010 Datasheet HTML 2Page - STMicroelectronics AM82223-010 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
August 31, 1994
TELEMETRY APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2NLFL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.∞
:1 VSWR CAPABILITY AT RATED
CONDITIONS
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 9 W MIN. WITH 6.5 dB GAIN
DESCRIPTION
The AM82223-010 is a common base, silicon
NPN bipolar transistor designed for high gain
and efficiency in the 2.2
− 2.3 GHz frequency
range.
Suitable for hi-rel aerospace telemetry applica-
tions, the AM82223-010 is provided in the indus-
try-standard AMPAC™ metal/ceramic hermetic
package and incorporates internal input and out-
put impedance matching structures along with a
rugged, emitter-site ballasted overlay die geome-
try.
AM82223-010 is capable of withstanding
∞:1
load mismatch at any phase angle under full
rated operating conditions.
PIN CONNECTION
BRANDING
82223-10
ORDER CODE
AM82223-010
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
≤ 75˚C)
28
W
IC
Device Current*
1.2
A
VCC
Collector-Supply Voltage*
26
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance
4.4
°C/W
*Applies only to rated RF amplifier operation
NOTE:
Thermal Resistance determined by Infra-Red Scanning of Hot-Spot
Junction Temperature at rated RF operating conditions.
AM82223-010
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/3


Similar Part No. - AM82223-010

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
AM82223-018 ADPOW-AM82223-018 Datasheet
213Kb / 4P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
More results

Similar Description - AM82223-010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81719-030 STMICROELECTRONICS-AM81719-030 Datasheet
64Kb / 4P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM81719-040 STMICROELECTRONICS-AM81719-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
06-Jul-1995
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
AM82223-018 ADPOW-AM82223-018 Datasheet
213Kb / 4P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com