Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD441DPLR Datasheet(PDF) 7 Page - Texas Instruments

Part # ESD441DPLR
Description  ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD441DPLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESD441DPLR Datasheet HTML 3Page - Texas Instruments ESD441DPLR Datasheet HTML 4Page - Texas Instruments ESD441DPLR Datasheet HTML 5Page - Texas Instruments ESD441DPLR Datasheet HTML 6Page - Texas Instruments ESD441DPLR Datasheet HTML 7Page - Texas Instruments ESD441DPLR Datasheet HTML 8Page - Texas Instruments ESD441DPLR Datasheet HTML 9Page - Texas Instruments ESD441DPLR Datasheet HTML 10Page - Texas Instruments ESD441DPLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6.7 Typical Characteristics (continued)
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Figure 6-7. Temperature vs. Leakage Current
freq[Hz]
-15
-12
-9
-6
-3
0
3
10M
100M
1G
Figure 6-8. Insertion Loss
Voltage (V)
-2
-1
0
1
2
3
4
5
6
7
8
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
Figure 6-9. DC I-V Curve
www.ti.com
ESD441
SLVSH26A – APRIL 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com